Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6364A Datasheet (PDF) - Renesas Technology Corp

ISL6364A Datasheet PDF - Renesas Technology Corp
Part # ISL6364A
Download  ISL6364A Download
File Size   153.92 Kbytes
Page   2 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Green Dual 41 PWM Controller for VR12/IMVP7 Applications with AUTO Phase Shedding

ISL6364A Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6364A Datasheet PDF - Renesas Technology Corp

Part # ISL6364A
Download  ISL6364A Click to download

File Size   153.92 Kbytes
Page   2 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Green Dual 41 PWM Controller for VR12/IMVP7 Applications with AUTO Phase Shedding

ISL6364A Datasheet (HTML) - Renesas Technology Corp


ISL6364A Product details

Features
• Intel VR12/IMVP7 Compliant
- SerialVID with Programmable IMAX, TMAX, BOOT,
ADDRESS OFFSET Registers
• ISL6364 Compatible
• Intersil’s Proprietary Enhanced Active Pulse Positioning
(EAPP) Modulation Scheme (Patented)
- Variable Frequency Control During Load Transients to
Reduce Beat Frequency Oscillation
- Linear Control with Evenly Distributed PWM Pulses for
Better Phase Current Balance During Load Transients
- Voltage Feed-Forward and Adjustable Ramp Options
- High Frequency and PSI Compensation Options
• NVM and Firmware Free for Low Cost and Easy Use
• Auto Phase Shedding Option for Greener Environment with
Boot-refresh Option
• Dual Outputs
- Output 1 (VR0): 1 to 4-Phase for Core or Memory (Coupled
Inductor and Phase Doubler, ISL6617/11A Compatible)
- Output 2 (VR1): Single Phase for Graphics, System Agent,
or Processor I/O (Phase Doubler Compatible, EN = HIGH)
- Differential Remote Voltage Sensing
- ±0.5% Closed-loop System Accuracy Over Load, Line and
Temperature
• Proprietary Active Phase Adding and Dropping with Diode
Emulation Scheme For Enhanced Light Load Efficiency
• Programmable Slew Rate of Fast Dynamic VID for VR0
• Dynamic VID Compensation (DVC) for VR1 at No Droop
• Droop and Diode Emulation Options
• Programmable 1 or 2-Phase Operation in PSI1 Mode
• Programmable Standard or Coupled-Inductor Operation
• Precision Resistor or DCR Differential Current Sensing
- Integrated Programmable Current Sense Resistors
- Accurate Load-Line (Droop) Programming
- Accurate Current Monitoring and Channel-Current
Balancing
• Average Overcurrent Protection and Channel Current Limit
With Internal Current Comparators
• Precision Overcurrent Protection on IMON & IMONS Pins
• Independent Oscillators, up to 2MHz Per Phase, for Cost,
Efficiency, and Performance Optimization
• Dual Thermal Monitoring and Thermal Compensation
• Start-up Into Pre-Charged Load
• Pb-Free (RoHS Compliant)




Similar Part No. - ISL6364A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6364ACRZ INTERSIL-ISL6364ACRZ Datasheet
259Kb / 6P
PCN13024 ??ASECL Reliability Qualification Summary
October 25, 2013
ISL6364ACRZ-T INTERSIL-ISL6364ACRZ-T Datasheet
259Kb / 6P
PCN13024 ??ASECL Reliability Qualification Summary
October 25, 2013
ISL6364AIRZ INTERSIL-ISL6364AIRZ Datasheet
259Kb / 6P
PCN13024 ??ASECL Reliability Qualification Summary
October 25, 2013
ISL6364AIRZ-T INTERSIL-ISL6364AIRZ-T Datasheet
259Kb / 6P
PCN13024 ??ASECL Reliability Qualification Summary
October 25, 2013
More results


Similar Description - ISL6364A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6366 INTERSIL-ISL6366 Datasheet
1Mb / 44P
Dual 6-Phase 1-Phase PWM Controller for VR12/IMVP7 Applications
January 3, 2011
ISL6364 INTERSIL-ISL6364 Datasheet
1Mb / 44P
Dual 4-Phase 1-Phase PWM Controller for VR12/IMVP7 Applications
December 22, 2010
ISL95833 INTERSIL-ISL95833 Datasheet
164Kb / 3P
Dual 21 PWM Controller for IMVP-7/VR12 CPUs
ISL6364CCRZ INTERSIL-ISL6364CCRZ Datasheet
92Kb / 3P
Dual 4-Phase 1-Phase PWM Controller for VR12 Desktop Applications
11/9/2011
logo
Renesas Technology Corp
ISL6367 RENESAS-ISL6367 Datasheet
165Kb / 2P
Green Hybrid Digital Dual 61 Phase PWM Controller for VR12/IMVP7 Applications With SMBus/PMBus/I2C and AUTO Phase
ISL6388 RENESAS-ISL6388 Datasheet
166Kb / 2P
Advanced Linear EAPP Digital 6-Phase Green PWM Controller for Digital Power Management With NVM and AUTO Phase Shedding
logo
Intersil Corporation
ISL6381 INTERSIL-ISL6381 Datasheet
1Mb / 53P
EAPP Hybrid Digital 4-Phase Green PWM Controller for Digital Power Management of Core and Memory With AUTO Phase Shedding
June 12, 2014
logo
Maxim Integrated Produc...
MAX17411 MAXIM-MAX17411 Datasheet
3Mb / 72P
Dual-Output, 3-/2-/1-Phase 2-/1-Phase Quick-PWM Controllers for VR12/IMVP7
19-5742; Rev 1; 7/11
MAX17039 MAXIM-MAX17039 Datasheet
62Kb / 1P
Dual-Output, 3-Phase 1 Phase Quick-PWM Controller for VR12/IMVP-7
XX-XXXX; Rev 0; 7/09
logo
Renesas Technology Corp
ISL6364C RENESAS-ISL6364C Datasheet
192Kb / 2P
Dual 4-Phase 1-Phase PWM Controller for VR12 Desktop Applications
Aug 7, 2013
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com