Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6364C Datasheet (PDF) - Renesas Technology Corp

ISL6364C Datasheet PDF - Renesas Technology Corp
Part # ISL6364C
Download  ISL6364C Download
File Size   192.45 Kbytes
Page   2 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual 4-Phase 1-Phase PWM Controller for VR12 Desktop Applications

ISL6364C Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6364C Datasheet PDF - Renesas Technology Corp

Part # ISL6364C
Download  ISL6364C Click to download

File Size   192.45 Kbytes
Page   2 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual 4-Phase 1-Phase PWM Controller for VR12 Desktop Applications

ISL6364C Datasheet (HTML) - Renesas Technology Corp


ISL6364C Product details

Features
• Support Intel VR12 for 0/1 Address
- SerialVID with Programmable IMAX, TMAX, and BOOT
Registers
• Intersil’s Proprietary Enhanced Active Pulse Positioning
(EAPP) Modulation Scheme (Patented)
- Variable Frequency Control During Load Transients to
Reduce Beat Frequency Oscillation
- Linear Control with Evenly Distributed PWM Pulses for
Better Phase Current Balance During Load Transients
- Voltage Feed-Forward and Adjustable Ramp Options
- High Frequency and PSI Compensation Options
• Dual Outputs
- Output 1 (VR0): 1 to 4-Phase for Core or Memory
- Output 2 (VR1): Single Phase for Graphics, System Agent,
or Processor I/O
- Differential Remote Voltage Sensing
- ±0.5% Closed-loop System Accuracy Over Load, Line and
Temperature
• Proprietary Active Phase Adding and Dropping Scheme For
Enhanced Light Load Efficiency
• Droop Option
• Programmable 1 or 2-Phase Operation in Low Power Mode
• Precision Resistor or DCR Differential Current Sensing
- Integrated Programmable Current Sense Resistors
- Integrated Thermal Compensation
- Accurate Load-Line (Droop) Programming
- Accurate Channel-Current Balancing
- Accurate Current Monitoring
• Average Overcurrent Protection and Channel Current Limit
With Internal Current Comparators
• Independent Oscillators, up to 1MHz Per Phase, for Cost,
Efficiency, and Performance Optimization
• Dual Thermal Monitoring and Thermal Compensation
• Start-up Into Pre-Charged Load
• Pb-Free (RoHS Compliant)
• Not Controlled by Intersil Standard PCN Process




Similar Part No. - ISL6364C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6364C INTERSIL-ISL6364C Datasheet
164Kb / 3P
Dual 21 PWM Controller for IMVP-7/VR12 CPUs
ISL6364C INTERSIL-ISL6364C Datasheet
208Kb / 2P
31 and 11 Voltage Regulator for IMVP-7/VR12??CPUs
ISL6364C INTERSIL-ISL6364C Datasheet
159Kb / 2P
31 Voltage Regulator for IMVP-7/VR12 CPUs
ISL6364C INTERSIL-ISL6364C Datasheet
92Kb / 3P
Dual 4-Phase 1-Phase PWM Controller for VR12 Desktop Applications
11/9/2011
ISL6364CCRZ INTERSIL-ISL6364CCRZ Datasheet
92Kb / 3P
Dual 4-Phase 1-Phase PWM Controller for VR12 Desktop Applications
11/9/2011
More results


Similar Description - ISL6364C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6366 INTERSIL-ISL6366 Datasheet
1Mb / 44P
Dual 6-Phase 1-Phase PWM Controller for VR12/IMVP7 Applications
January 3, 2011
ISL6364 INTERSIL-ISL6364 Datasheet
1Mb / 44P
Dual 4-Phase 1-Phase PWM Controller for VR12/IMVP7 Applications
December 22, 2010
logo
ON Semiconductor
NCP6151S52MNR2G ONSEMI-NCP6151S52MNR2G Datasheet
47Kb / 1P
VR12 2-, 3-, 4-Phase CPU Controller 1-Phase GPU Controller
6/16/2013
logo
Intersil Corporation
ISL6364CCRZ INTERSIL-ISL6364CCRZ Datasheet
92Kb / 3P
Dual 4-Phase 1-Phase PWM Controller for VR12 Desktop Applications
11/9/2011
logo
Monolithic Power System...
MP2935 MPS-MP2935 Datasheet
1Mb / 42P
4-Phase PWM Controller for VR12.5 Applications
logo
Renesas Technology Corp
ISL6367 RENESAS-ISL6367 Datasheet
165Kb / 2P
Green Hybrid Digital Dual 61 Phase PWM Controller for VR12/IMVP7 Applications With SMBus/PMBus/I2C and AUTO Phase
logo
Maxim Integrated Produc...
MAX17411 MAXIM-MAX17411 Datasheet
3Mb / 72P
Dual-Output, 3-/2-/1-Phase 2-/1-Phase Quick-PWM Controllers for VR12/IMVP7
19-5742; Rev 1; 7/11
MAX17039 MAXIM-MAX17039 Datasheet
62Kb / 1P
Dual-Output, 3-Phase 1 Phase Quick-PWM Controller for VR12/IMVP-7
XX-XXXX; Rev 0; 7/09
logo
ON Semiconductor
NCP6151 ONSEMI-NCP6151 Datasheet
561Kb / 34P
Dual Output 4 Phase 1/0 Phase Controller with single SVID Interface for Desktop and Notebook CPU Applications
Rev1, 032012
logo
Renesas Technology Corp
ISL6364A RENESAS-ISL6364A Datasheet
153Kb / 2P
Green Dual 41 PWM Controller for VR12/IMVP7 Applications with AUTO Phase Shedding
April 10, 2012
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com