Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DGD2118 Datasheet (PDF) - Diodes Incorporated

DGD2118 Datasheet PDF - Diodes Incorporated
Part # DGD2118
Download  DGD2118 Download
File Size   602.39 Kbytes
Page   11 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SINGLE CHANNEL GATE DRIVER

DGD2118 Datasheet (PDF)

Go To PDF Page Download Datasheet
DGD2118 Datasheet PDF - Diodes Incorporated

Part # DGD2118
Download  DGD2118 Click to download

File Size   602.39 Kbytes
Page   11 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SINGLE CHANNEL GATE DRIVER

DGD2118 Datasheet (HTML) - Diodes Incorporated


DGD2118 Product details

Features
- Floating Channel in Bootstrap Operation to 600V
- Drives One N-Channel MOSFET or IGBT
- Outputs Tolerant to Negative Transients
- Wide Logic Supply: 10V to 20V
- Schmitt Triggered Logic Input with Internal Pull Down
- Undervoltage Lockout
- Extended Temperature Range: -40°C to +125°C
- Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
- Halogen and Antimony Free. “Green” Device (Note 3)
- For automotive applications requiring specific change control

Applications
- DC-DC Converters
- DC-AC Inverters
- AC-DC Power Supplies
- Motor Controls
- Class D Power Amplifiers




Similar Part No. - DGD2118

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DGD2118 DIODES-DGD2118 Datasheet
640Kb / 11P
SINGLE CHANNEL GATE DRIVER
Rev 1
DGD2118S8-13 DIODES-DGD2118S8-13 Datasheet
640Kb / 11P
SINGLE CHANNEL GATE DRIVER
Rev 1
More results


Similar Description - DGD2118

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33153 ONSEMI-MC33153 Datasheet
189Kb / 12P
SINGLE IGBT GATE DRIVER
1998 REV 2
logo
Integral Corp.
IL33153 INTEGRAL-IL33153 Datasheet
124Kb / 3P
SINGLE IGBT GATE DRIVER
logo
Fairchild Semiconductor
FAN8800 FAIRCHILD-FAN8800 Datasheet
101Kb / 16P
Single IGBT Gate Driver
logo
ON Semiconductor
MC33153 ONSEMI-MC33153_06 Datasheet
131Kb / 13P
Single IGBT Gate Driver
July, 2006 ??Rev. 5
logo
KODENSHI_AUK CORP.
KK33153 KODENSHI-KK33153 Datasheet
110Kb / 4P
SINGLE IGBT GATE DRIVER
logo
IK Semicon Co., Ltd
IL33153 IKSEMICON-IL33153 Datasheet
356Kb / 14P
Single IGBT Gate Driver
logo
Infineon Technologies A...
1EDI60IN12AF INFINEON-1EDI60IN12AF_15 Datasheet
1Mb / 22P
Single Channel MOSFET Gate Driver IC
Rev. 2.0, 2015-06-01
logo
Diodes Incorporated
DGD2117 DIODES-DGD2117 Datasheet
640Kb / 11P
SINGLE CHANNEL GATE DRIVER
Rev 1
logo
ON Semiconductor
MC33153 ONSEMI-MC33153_13 Datasheet
168Kb / 14P
Single IGBT Gate Driver
August, 2013 ??Rev. 8
logo
Infineon Technologies A...
1ED44171N01B INFINEON-1ED44171N01B Datasheet
1Mb / 18P
Single-channel low-side gate driver IC
V 1.1 2022-02-02
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com