Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DGD2118 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DGD2118
Description  SINGLE CHANNEL GATE DRIVER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DGD2118 Datasheet(HTML) 3 Page - Diodes Incorporated

  DGD2118 Datasheet HTML 1Page - Diodes Incorporated DGD2118 Datasheet HTML 2Page - Diodes Incorporated DGD2118 Datasheet HTML 3Page - Diodes Incorporated DGD2118 Datasheet HTML 4Page - Diodes Incorporated DGD2118 Datasheet HTML 5Page - Diodes Incorporated DGD2118 Datasheet HTML 6Page - Diodes Incorporated DGD2118 Datasheet HTML 7Page - Diodes Incorporated DGD2118 Datasheet HTML 8Page - Diodes Incorporated DGD2118 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
DGD2117/2118
Document number: DS38312 Rev. 3 - 2
3 of 11
www.diodes.com
November 2019
© Diodes Incorporated
DGD2117/2118
Functional Block Diagram (continued)
Absolute Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
High-Side Floating Supply Voltage
VB
-0.3 to +624
V
High-Side Floating Supply Offset Voltage
VS
VB-24 to VB+0.3
V
High-Side Floating Output Voltage
VHO
VS-0.3 to VB+0.3
V
Logic Supply Voltage
VCC
-0.3 to +24
V
Logic Input Voltage
VIN
-0.3 to VCC+0.3
V
Allowable Offset Supply Voltage Transient
dVS / dt
50
V/ns
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Power Dissipation Linear Derating Factor (Note 5)
PD
0.625
W
Thermal Resistance, Junction to Ambient (Note 5)
RθJA
200
°C/W
Thermal Resistance, Junction to Case (Note 6)
RθJC
45
°C/W
Operating Temperature
TJ
+150
°C
Lead Temperature (Soldering, 10s)
TL
+300
Storage Temperature Range
TSTG
-55 to +150
Note:
5. When mounted on a standard JEDEC 2-layer FR-4 board.
Recommended Operating Conditions
Parameter
Symbol
Min
Max
Unit
High Side Floating Supply Absolute Voltage
VB
VS + 10
VS + 20
V
High Side Floating Supply Offset Voltage
VS
(Note 6)
600
V
High Side Floating Output Voltage
VHO
VS
VB
V
Low Side and Logic Fixed Supply Voltage
VCC
10
20
V
Logic Input Voltage
VIN
0
VCC
V
Ambient Temperature
TA
-40
+125
°C
Note:
6. Logic operation for VS = -5V to +600V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com