Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DGD2388M Datasheet (PDF) - Diodes Incorporated

DGD2388M Datasheet PDF - Diodes Incorporated
Part # DGD2388M
Download  DGD2388M Download
File Size   731.94 Kbytes
Page   12 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 3-PHASE HALF-BRIDGE GATE DRIVER IN SO-20

DGD2388M Datasheet (PDF)

Go To PDF Page Download Datasheet
DGD2388M Datasheet PDF - Diodes Incorporated

Part # DGD2388M
Download  DGD2388M Click to download

File Size   731.94 Kbytes
Page   12 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 3-PHASE HALF-BRIDGE GATE DRIVER IN SO-20

DGD2388M Datasheet (HTML) - Diodes Incorporated


DGD2388M Product details

Features
- Three Floating High-Side Drivers in Bootstrap Operation to 600V
- 420mA Source / 750mA Sink Output Current Capability
- Logic Input 3.3V Capability
- Internal Deadtime of 315ns to Protect MOSFETs and IGBTs
- Matched Prop Delay time maximum of 50ns
- Outputs In Phase with Inputs
- Schmitt Triggered Logic Inputs
- Cross Conduction Prevention Logic
- Undervoltage Lockout for All Channels
- Extended Temperature Range: -40°C to +125°C
- Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
- Halogen and Antimony Free. “Green” Device (Note 3)
- For automotive applications requiring specific change control

Applications
- 3-Phase Motor Inverter Driver
- White Goods – Air Conditioner, Washing Machine, Refrigerator
- Industrial Motor Inverter – Power Tools, Robotics
- General Purpose 3-Phase Inverter




Similar Part No. - DGD2388M

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DGD2304 DIODES-DGD2304 Datasheet
681Kb / 11P
HALF-BRIDGE GATE DRIVER
Rev 1
DGD2304 DIODES-DGD2304 Datasheet
786Kb / 11P
HALF-BRIDGE GATE DRIVER IN SO-8
Rev. 6 - 2 December 2020
DGD2304S8-13 DIODES-DGD2304S8-13 Datasheet
681Kb / 11P
HALF-BRIDGE GATE DRIVER
Rev 1
DGD2304S8-13 DIODES-DGD2304S8-13 Datasheet
786Kb / 11P
HALF-BRIDGE GATE DRIVER IN SO-8
Rev. 6 - 2 December 2020
DGD2304 DIODES-DGD2304_V01 Datasheet
786Kb / 11P
HALF-BRIDGE GATE DRIVER IN SO-8
Rev. 6 - 2 December 2020
More results


Similar Description - DGD2388M

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DGD2103 DIODES-DGD2103 Datasheet
823Kb / 11P
HALF-BRIDGE GATE DRIVER IN SO-8
Rev 3
DGD2104 DIODES-DGD2104 Datasheet
731Kb / 11P
HALF-BRIDGE GATE DRIVER IN SO-8
Rev 3
DGD2104A DIODES-DGD2104A Datasheet
710Kb / 12P
HALF-BRIDGE GATE DRIVER IN SO-8
Rev 2
DGD1504 DIODES-DGD1504 Datasheet
967Kb / 11P
HALF-BRIDGE GATE DRIVER IN SO-8
Rev 1
DGD21032 DIODES-DGD21032 Datasheet
943Kb / 11P
HALF-BRIDGE GATE DRIVER IN SO-8
Rev 1
DGD2103M DIODES-DGD2103M Datasheet
897Kb / 11P
HALF-BRIDGE GATE DRIVER IN SO-8
January 2021
DGD2136 DIODES-DGD2136 Datasheet
1Mb / 14P
3-PHASE HALF-BRIDGE GATE DRIVER IN SO-28
November 2021
DGD2136M DIODES-DGD2136M Datasheet
806Kb / 12P
3-PHASE HALF-BRIDGE GATE DRIVER IN SO-28
Rev. 3 - 2 March 2021
DGD2304 DIODES-DGD2304_V01 Datasheet
786Kb / 11P
HALF-BRIDGE GATE DRIVER IN SO-8
Rev. 6 - 2 December 2020
DGD21844M DIODES-DGD21844M_V01 Datasheet
872Kb / 12P
HALF-BRIDGE GATE DRIVER IN SO-14
Rev. 3 - 2 February 2022
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com