Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DGD2136 Datasheet (PDF) - Diodes Incorporated

DGD2136 Datasheet PDF - Diodes Incorporated
Part # DGD2136
Download  DGD2136 Download
File Size   1588.42 Kbytes
Page   14 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 3-PHASE HALF-BRIDGE GATE DRIVER IN SO-28

DGD2136 Datasheet (PDF)

Go To PDF Page Download Datasheet
DGD2136 Datasheet PDF - Diodes Incorporated

Part # DGD2136
Download  DGD2136 Click to download

File Size   1588.42 Kbytes
Page   14 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 3-PHASE HALF-BRIDGE GATE DRIVER IN SO-28

DGD2136 Datasheet (HTML) - Diodes Incorporated


DGD2136 Product details

Features
Three Floating High-Side Drivers in Bootstrap Operation to 600V
200mA Source / 350mA Sink Output Current Capability
Outputs Tolerant to Negative Transients, dV/dt Immune
Logic Input 3.3V Capability
Internal Deadtime of 290ns to Protect MOSFETs
Matched Prop Delay for All Channels
Outputs Out of Phase with Inputs
Schmitt Triggered Logic Inputs
Cross Conduction Prevention Logic
Undervoltage Lockout for All Channels
Overcurrent Protection Shuts Down Drivers
Extended Temperature Range: -40°C to +125°C
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
For automotive applications requiring specific change
control

Applications
3-Phase Motor Inverter Driver
White Goods—Air Conditioner, Washing Machine, Refrigerator
Industrial Motor Inverter—Power Tools, Robotics
General Purpose 3-Phase Inverter




Similar Part No. - DGD2136

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DGD2136M DIODES-DGD2136M Datasheet
806Kb / 12P
3-PHASE HALF-BRIDGE GATE DRIVER IN SO-28
Rev. 3 - 2 March 2021
DGD2136MS28-13 DIODES-DGD2136MS28-13 Datasheet
806Kb / 12P
3-PHASE HALF-BRIDGE GATE DRIVER IN SO-28
Rev. 3 - 2 March 2021
More results


Similar Description - DGD2136

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DGD2103 DIODES-DGD2103 Datasheet
823Kb / 11P
HALF-BRIDGE GATE DRIVER IN SO-8
Rev 3
DGD2104 DIODES-DGD2104 Datasheet
731Kb / 11P
HALF-BRIDGE GATE DRIVER IN SO-8
Rev 3
DGD2104A DIODES-DGD2104A Datasheet
710Kb / 12P
HALF-BRIDGE GATE DRIVER IN SO-8
Rev 2
DGD1504 DIODES-DGD1504 Datasheet
967Kb / 11P
HALF-BRIDGE GATE DRIVER IN SO-8
Rev 1
DGD21032 DIODES-DGD21032 Datasheet
943Kb / 11P
HALF-BRIDGE GATE DRIVER IN SO-8
Rev 1
DGD2103M DIODES-DGD2103M Datasheet
897Kb / 11P
HALF-BRIDGE GATE DRIVER IN SO-8
January 2021
DGD2136M DIODES-DGD2136M Datasheet
806Kb / 12P
3-PHASE HALF-BRIDGE GATE DRIVER IN SO-28
Rev. 3 - 2 March 2021
DGD2304 DIODES-DGD2304_V01 Datasheet
786Kb / 11P
HALF-BRIDGE GATE DRIVER IN SO-8
Rev. 6 - 2 December 2020
DGD2388M DIODES-DGD2388M Datasheet
731Kb / 12P
3-PHASE HALF-BRIDGE GATE DRIVER IN SO-20
Rev. 1 - 2 February 2021
DGD21844M DIODES-DGD21844M_V01 Datasheet
872Kb / 12P
HALF-BRIDGE GATE DRIVER IN SO-14
Rev. 3 - 2 February 2022
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com