Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DGD2136 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DGD2136
Description  3-PHASE HALF-BRIDGE GATE DRIVER IN SO-28
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DGD2136 Datasheet(HTML) 1 Page - Diodes Incorporated

  DGD2136 Datasheet HTML 1Page - Diodes Incorporated DGD2136 Datasheet HTML 2Page - Diodes Incorporated DGD2136 Datasheet HTML 3Page - Diodes Incorporated DGD2136 Datasheet HTML 4Page - Diodes Incorporated DGD2136 Datasheet HTML 5Page - Diodes Incorporated DGD2136 Datasheet HTML 6Page - Diodes Incorporated DGD2136 Datasheet HTML 7Page - Diodes Incorporated DGD2136 Datasheet HTML 8Page - Diodes Incorporated DGD2136 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
DGD2136
Document Number DS38611 Rev. 7 - 4
1 of 14
www.diodes.com
November 2021
© Diodes Incorporated
DGD2136
3-PHASE HALF-BRIDGE GATE DRIVER IN SO-28
Description
The DGD2136 is a three-phase gate driver IC designed for high-
voltage/high-speed applications, driving N-channel MOSFETs and
IGBTs
in
a
half-bridge
configuration.
High-voltage
processing
techniques enable the DGD2136
’s high side to switch to 600V in a
bootstrap operation.
The DGD2136 logic inputs are compatible with standard TTL and
CMOS levels (down to 3.3V) for easy interfacing with controlling
devices and are enabled low to better function in high-noise
environments. The driver outputs feature high-pulse current buffers
designed for minimum driver cross conduction.
The DGD2136 offers numerous protection functions. A shoot-through
protection logic prevents both outputs from being high when both
inputs are high (fault state), an undervoltage lockout for VCC shuts
down the respective high side output. An overcurrent protection will
terminate the six outputs. Both the VCC UVLO and the overcurrent
protection trip an automatic fault clear with a timing that is adjustable
with an external capacitor.
The DGD2136 is offered in SO-28 package and the operating
temperature extends from -40°C to +125°C.
Applications
3-Phase Motor Inverter Driver
White Goods
—Air Conditioner, Washing Machine, Refrigerator
Industrial Motor Inverter
—Power Tools, Robotics
General Purpose 3-Phase Inverter
Features
Three Floating High-Side Drivers in Bootstrap Operation to 600V
200mA Source / 350mA Sink Output Current Capability
Outputs Tolerant to Negative Transients, dV/dt Immune
Logic Input 3.3V Capability
Internal Deadtime of 290ns to Protect MOSFETs
Matched Prop Delay for All Channels
Outputs Out of Phase with Inputs
Schmitt Triggered Logic Inputs
Cross Conduction Prevention Logic
Undervoltage Lockout for All Channels
Overcurrent Protection Shuts Down Drivers
Extended Temperature Range: -40°C to +125°C
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free.
“Green” Device (Note 3)
For automotive applications requiring specific change
control (i.e. parts qualified to AEC-Q100/101/200, PPAP
capable, and manufactured in IATF 16949 certified facilities),
please contact us or your local Diodes representative.
https://www.diodes.com/quality/product-definitions/
Mechanical Data
Case: SO-28 (Type TH)
Case Material: Molded Plastic
. “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 3 per J-STD-020
Terminals: Finish
– Matte Tin Plated Leads. Solderable per
MIL-STD-202, Method 208
Weight: 0.250 grams (Approximate)
Ordering Information (Note 4)
Part Number
Marking
Reel Size (inches)
Tape Width (mm)
Quantity per Reel
DGD2136S28-13
DGD2136
13
24
1500
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-
free/ for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and
Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at https://www.diodes.com/design/support/packaging/diodes-packaging/.
SO-28
Top View
Typical Configuration
PART OBSOLETE - USE DGD2136M


Similar Part No. - DGD2136

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DGD2136M DIODES-DGD2136M Datasheet
806Kb / 12P
3-PHASE HALF-BRIDGE GATE DRIVER IN SO-28
Rev. 3 - 2 March 2021
DGD2136MS28-13 DIODES-DGD2136MS28-13 Datasheet
806Kb / 12P
3-PHASE HALF-BRIDGE GATE DRIVER IN SO-28
Rev. 3 - 2 March 2021
More results

Similar Description - DGD2136

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DGD2103 DIODES-DGD2103 Datasheet
823Kb / 11P
HALF-BRIDGE GATE DRIVER IN SO-8
Rev 3
DGD2104 DIODES-DGD2104 Datasheet
731Kb / 11P
HALF-BRIDGE GATE DRIVER IN SO-8
Rev 3
DGD2104A DIODES-DGD2104A Datasheet
710Kb / 12P
HALF-BRIDGE GATE DRIVER IN SO-8
Rev 2
DGD1504 DIODES-DGD1504 Datasheet
967Kb / 11P
HALF-BRIDGE GATE DRIVER IN SO-8
Rev 1
DGD21032 DIODES-DGD21032 Datasheet
943Kb / 11P
HALF-BRIDGE GATE DRIVER IN SO-8
Rev 1
DGD2103M DIODES-DGD2103M Datasheet
897Kb / 11P
HALF-BRIDGE GATE DRIVER IN SO-8
January 2021
DGD2136M DIODES-DGD2136M Datasheet
806Kb / 12P
3-PHASE HALF-BRIDGE GATE DRIVER IN SO-28
Rev. 3 - 2 March 2021
DGD2304 DIODES-DGD2304_V01 Datasheet
786Kb / 11P
HALF-BRIDGE GATE DRIVER IN SO-8
Rev. 6 - 2 December 2020
DGD2388M DIODES-DGD2388M Datasheet
731Kb / 12P
3-PHASE HALF-BRIDGE GATE DRIVER IN SO-20
Rev. 1 - 2 February 2021
DGD21844M DIODES-DGD21844M_V01 Datasheet
872Kb / 12P
HALF-BRIDGE GATE DRIVER IN SO-14
Rev. 3 - 2 February 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com