Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DGD2136 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # DGD2136
Description  3-PHASE HALF-BRIDGE GATE DRIVER IN SO-28
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DGD2136 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button DGD2136 Datasheet HTML 6Page - Diodes Incorporated DGD2136 Datasheet HTML 7Page - Diodes Incorporated DGD2136 Datasheet HTML 8Page - Diodes Incorporated DGD2136 Datasheet HTML 9Page - Diodes Incorporated DGD2136 Datasheet HTML 10Page - Diodes Incorporated DGD2136 Datasheet HTML 11Page - Diodes Incorporated DGD2136 Datasheet HTML 12Page - Diodes Incorporated DGD2136 Datasheet HTML 13Page - Diodes Incorporated DGD2136 Datasheet HTML 14Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
DGD2136
Document Number DS38611 Rev. 7 - 4
11 of 14
www.diodes.com
November 2021
© Diodes Incorporated
DGD2136
Design Notes
Over the past decade, in white goods, there has been a transition from AC motors to brushless DC motors; correspondingly power switching is
required to drive the BLDC motors. For even greater efficiency and cost reduction, 3-phase gate driver ICs are used to optimimally drive
MOSFETs and IGBTs. The DGD2136, 3-Phase Half-Bridge Gate Driver IC, is a good choice for 3-phase motor applications because of ease of
design, reliability, and less space used than 3 x single channel gate driver ICs.
In the inductive 3-phase motor circuit environment, MOSFET/IGBT turn-on produces significant current spikes; and the currents are the highest
and the system is the noisiest during startup. In certain applications, with significant noise on the ground lines of VSS-COM (for example during
startup), the DGD2136 is susceptible to the noise and can enter fault condition. And if the fault is long enough, the MCU will detect the fault
situation, disable inputs and turn off the system. In effect there is a stall at startup. Figure 27 and Figure 28 show startup in a 240V refrigerator
compressor application (FO*-MCU (blue) - fault signal at MCU, COM-VSS (yellow) and VS (green) - motor voltage).
This Design Tip will provide two solutions, depending on the current sense circuit, to decrease the IC ground noise and ensure the DGD2136 does
not enter fault condition and there is no stall at startup.
Solution 1
If the 3 phase current sensing configuration is similar to Figure 29 or Figure 30, then the best solution is to short the line between VSS and COM
directly at the IC. This provides a more stable ground at the IC, and the current sense circuit operates normally (see Figures 31 and 32).
Figure 27. During startup when the current is high,
COM-VSS noise is high (yellow), fault conditions
occur (blue), compressor will eventually stall, 2ms/div
Figure 28. During startup, current is high, COM-VSS
noise is high, fault conditions occur, compressor will
eventually stall, 100us/div
Figure 29. Shorting VSS-COM at IC for current sense
configuration A
Figure 30. Shorting VSS-COM at IC for current
sense configuration B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com