Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DGD2136 Datasheet(PDF) 12 Page - Diodes Incorporated

Part # DGD2136
Description  3-PHASE HALF-BRIDGE GATE DRIVER IN SO-28
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DGD2136 Datasheet(HTML) 12 Page - Diodes Incorporated

Back Button DGD2136 Datasheet HTML 6Page - Diodes Incorporated DGD2136 Datasheet HTML 7Page - Diodes Incorporated DGD2136 Datasheet HTML 8Page - Diodes Incorporated DGD2136 Datasheet HTML 9Page - Diodes Incorporated DGD2136 Datasheet HTML 10Page - Diodes Incorporated DGD2136 Datasheet HTML 11Page - Diodes Incorporated DGD2136 Datasheet HTML 12Page - Diodes Incorporated DGD2136 Datasheet HTML 13Page - Diodes Incorporated DGD2136 Datasheet HTML 14Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
DGD2136
Document Number DS38611 Rev. 7 - 4
12 of 14
www.diodes.com
November 2021
© Diodes Incorporated
DGD2136
Design Notes (continued)
Solution 2
If the 3-phase current sensing configuration is similar to Figure 33, then the best solution is to add a ceramic capacitor (0.022 to 0.1uF) between
VSS and COM directly at the IC. This provides a more stable ground at the IC, and the current sense circuit operates normally (see Figures 34
and 35).
Summary
To improve the performance of the DGD2136 during high current operation of 3-phase motor applications, it is best to make a more stable IC
ground. Depending on the current sense circuit arrangement in the 3-phase motor driver application, two solutions are provided: one that shorts
the connection between COM-VSS and another is adding a ceramic capacitor between COM-VSS. In a compressor application, there were no
fault conditions seen at the MCU and the COM-VSS noise was significantly less with the solutions provided.
Figure 31. During startup, current is high, with
shorted COM-VSS, noise is less, fault conditions do
not occur, compressor will not stall, 2ms/div
Figure 32. During startup, current is high, with
shorted COM-VSS, noise is less, fault conditions do
not occur, compressor will not stall, 100us/div
Figure 33. Adding capacitor between VSS-COM at IC
for current sense configuration C
Figure 34. During startup current is high, with cap
between COM-VSS, noise is less, fault conditions do
not occur, compressor will not stall, 2ms/div
Figure 35. During startup current is high, with cap
between COM-VSS, noise is less, fault conditions do
not occur, compressor will not stall, 100us/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com