Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DGD2136 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # DGD2136
Description  3-PHASE HALF-BRIDGE GATE DRIVER IN SO-28
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DGD2136 Datasheet(HTML) 5 Page - Diodes Incorporated

  DGD2136 Datasheet HTML 1Page - Diodes Incorporated DGD2136 Datasheet HTML 2Page - Diodes Incorporated DGD2136 Datasheet HTML 3Page - Diodes Incorporated DGD2136 Datasheet HTML 4Page - Diodes Incorporated DGD2136 Datasheet HTML 5Page - Diodes Incorporated DGD2136 Datasheet HTML 6Page - Diodes Incorporated DGD2136 Datasheet HTML 7Page - Diodes Incorporated DGD2136 Datasheet HTML 8Page - Diodes Incorporated DGD2136 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
DGD2136
Document Number DS38611 Rev. 7 - 4
5 of 14
www.diodes.com
November 2021
© Diodes Incorporated
DGD2136
DC Electrical Characteristics (VBIAS (VCC, VBS) = 15V, @TA = +25°C, unless otherwise specified.) (Note 7)
Parameter
Symbol
Min
Typ
Max
Unit
Condition
Logic “0” Input Voltage (Note 8)
VIH
2.4
–
–
V
–
Logic “1” Input Voltage (Note 8)
VIL
–
–
0.8
V
–
High Level Output Voltage, VBIAS - VO
VOH
–
–
0.1
V
IO = 0mA
Low Level Output Voltage, VO
VOL
–
–
0.1
V
IO = 0mA
Offset Supply Leakage Current
ILK
–
–
10
µA
VB = VS = 600V
Quiescent VBS Supply Current
IBSQ
10
85
130
µA
VIN = 0V or 5V, EN = 0V
Quiescent VCC Supply Current
ICCQ
–
1.1
1.6
mA
VIN = 0V or 5V, EN = 0V
Logic Input Bias Current (HO=LO=HIGH)
IIN+
–
130
200
µA
VIN = 0V
Logic Input Bias Current (HO=LO=LOW)
IIN-
–
3.0
20
µA
VIN = 5V
Logic Enable “1” Input Bias Current
IEN+
–
33
80
µA
VEN = 5V
Logic Enable “0” Input Bias Current
IEN-
–
–
2.0
µA
VEN = 0V
VBS Supply Undervoltage Positive Going Threshold
VBSUV+
7.6
8.9
9.9
V
–
VBS Supply Undervoltage Negative Going Threshold
VBSUV-
7.1
8.3
9.4
V
–
VCC Supply Undervoltage Positive Going Threshold
VCCUV+
7.6
8.9
9.9
V
–
VCC Supply Undervoltage Negative Going Threshold
VCCUV-
7.1
8.3
9.4
V
–
Output High Short Circuit Pulsed Current
IO+
120
200
–
mA
VO = 0V, PW ≤ 10µs
Output Low Short Circuit Pulsed Current
IO-
250
350
–
mA
VO = 15V, PW ≤ 10µs
Overcurrent Detect Positive Threshold
VITH+
400
500
600
mV
–
Overcurrent Detect Negative Threshold
VITH-
340
420
500
mV
–
Short-Circuit Input Current
ICSIN
6.0
11
16
µA
VCSIN = 1V
RCIN Positive Going Threshold Voltage
VRCINTH+
7.0
8.4
9.8
V
–
RCIN Negative Going Threshold Voltage
VRCINTH-
–
5.0
–
V
–
Fault Output Low Level Voltage
VFOL
–
0.2
0.5
V
VCS = 1V, IFO = 1.5mA
RCIN on Resistance
RDSRCIN
40
75
110
IRCIN = 1.5mA
Fault Output on Resistance
RDSFO
80
130
180
IFO = 1.5mA
Notes:
7. The VIN, VTH and IIN parameters are referenced to VSS and are applicable to all six channels (HIN1*, 2*, 3* and LIN1*, 2*, 3*). The VO and IO
parameters are applicable to the output pins (HO1, 2, 3 and LO1, 2, 3) and are referenced to COM.
8. For optimal operation, it is recommended that the input pulses (HIN1*, 2*, 3* and LIN1*, 2*, 3*) should have a minimum amplitude of 2.4V with a
minimum pulse width of 600ns.
AC Electrical Characteristics (VBIAS (VCC, VBS) = 15V, CL = 1000pF, @TA = +25°C, unless otherwise specified.)
Parameter
Symbol
Min
Typ
Max
Unit
Condition
Turn-On Propagation Delay
tON
200
330
460
ns
VS = 0V
Turn-Off Propagation Delay
tOFF
200
330
460
ns
VS = 0V
Turn-On Rise Time
tR
–
90
150
ns
VS = 0V
Turn-Off Fall Time
tF
–
35
60
ns
VS = 0V
Delay Matching
tDM
–
–
50
ns
–
Enable Low to Output Shutdown Delay
tEN
225
300
425
ns
–
ITRIP Pin Leading-Edge Blanking Time
tBLT
200
300
400
ns
–
Time from ITRIP Triggering to FO*
tFLT
360
550
760
ns
From VITRIP = 1V to
FO* turn off
Time from ITRIP Triggering to All Gate Outputs Turn
Off
tITRIP
420
615
820
ns
From VITRIP = 1V to
starting gate turn off
Input Filtering Time (HIN*, LIN*, EN)
tFLTIN
–
250
–
ns
–
Fault Clear Time
tFLTCLR
–
1.6
–
ms
CRCIN = 1nF,
RRCIN = 2M
Deadtime
tDT
200
290
420
ns
–
Deadtime Matching
tDTM
–
–
50
ns
–
Output Pulse Width Matching (Note 8)
tPM
–
50
75
ns
PWIN > 1µs
Note:
8. tPM is defined as PWIN – PWOUT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com