Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DGD2136 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DGD2136
Description  3-PHASE HALF-BRIDGE GATE DRIVER IN SO-28
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DGD2136 Datasheet(HTML) 3 Page - Diodes Incorporated

  DGD2136 Datasheet HTML 1Page - Diodes Incorporated DGD2136 Datasheet HTML 2Page - Diodes Incorporated DGD2136 Datasheet HTML 3Page - Diodes Incorporated DGD2136 Datasheet HTML 4Page - Diodes Incorporated DGD2136 Datasheet HTML 5Page - Diodes Incorporated DGD2136 Datasheet HTML 6Page - Diodes Incorporated DGD2136 Datasheet HTML 7Page - Diodes Incorporated DGD2136 Datasheet HTML 8Page - Diodes Incorporated DGD2136 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
DGD2136
Document Number DS38611 Rev. 7 - 4
3 of 14
www.diodes.com
November 2021
© Diodes Incorporated
DGD2136
Pin Descriptions
Pin Number
Pin Name
Function
1
VCC
Low-Side and Logic Fixed Supply
2,3,4
HIN1*,HIN2*,HIN3*
Logic Input for High-Side Gate Driver Output, Out of Phase with HO
5,6,7
LIN1*,LIN2*,LIN3*
Logic Input for Low-Side Gate Driver Output, Out of Phase with LO
8
FO*
Fault Output with Open Drain (Fault with Overcurrent and VCC UVLO)
9
ITRIP
Analog Input for Overcurrent Shutdown
10
EN
Logic Input for Functionality, I/O Logic Functions when EN is High
11
RCIN
An External RC Network Input used to Define FAULT CLEAR Delay
12
VSS
Logic Ground
13
COM
Low-Side Driver Return
14,15,16
LO3,LO2,LO1
Low-Side Gate Driver Output
17,21,25
NC
No Connection (No Internal Connection)
18,22,26
VS3, VS2, VS1
High-Side Floating Supply Return
19,23,27
HO3,HO2,HO1
High-Side Gate Driver Output
20,24,28
VB3, VB2, VB1
High-Side Floating Supply
Functional Block Diagram
VCC
HIN1*
LIN1*
HIN2*
LIN2*
HIN3*
LIN3*
EN
FO*
VSS
RCIN
ITRIP
LO3
VS3
HO3
VB3
LO2
VS2
HO2
VB2
COM
LO1
VS1
HO1
VB1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com