Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE11612PAPSEP Datasheet (PDF) - Texas Instruments

AFE11612PAPSEP Datasheet PDF - Texas Instruments
Part # AFE11612PAPSEP
Download  AFE11612PAPSEP Download
File Size   1207.74 Kbytes
Page   11 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description AFE11612-SEP Radiation-Tolerant, Analog Monitor and Controller With Multichannel ADC, DACs, and Temperature Sensors

AFE11612PAPSEP Datasheet (PDF)

Go To PDF Page Download Datasheet
AFE11612PAPSEP Datasheet PDF - Texas Instruments

Part # AFE11612PAPSEP
Download  AFE11612PAPSEP Click to download

File Size   1207.74 Kbytes
Page   11 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description AFE11612-SEP Radiation-Tolerant, Analog Monitor and Controller With Multichannel ADC, DACs, and Temperature Sensors

AFE11612PAPSEP Datasheet (HTML) - Texas Instruments


AFE11612PAPSEP Product details

1 Features
• Radiation tolerant:
– Single-event latch-up (SEL) immune up to
LET = 43 MeV-cm2/mg at 125°C
– Single-event functional interrupt (SEFI)
characterized up to LET = 43 MeV-cm2/mg
– Total ionizing dose (TID) RLAT/RHA
characterized up to 20 krad(Si)
• Space-enhanced plastic (space EP):
– Meets ASTM E595 outgassing specification
– Vendor item drawing (VID) V62/22614
– Military temperature range: –55°C to +125°C
– One fabrication, assembly, and test site
– Gold bond wire, NiPdAu lead finish
– Wafer lot traceability
– Extended product life cycle
– Extended product change notification
• 12 monotonic, 12-bit DACs
– 0 V to 5 V output range
– DAC shutdown to user-defined level
• 16 input, 12-bit SAR ADC
– High sample rate: 500 kSPS
– 16 single-ended inputs or
2 differential and 12 single-ended inputs
– Programmable out-of-range alarms
• 8 GPIO pins
• Internal 2.5-V reference
• Two remote temperature sensors
• Internal temperature sensor
• Configurable SPI and I2C interface
– 2.7-V to 5.5-V operation

2 Applications
• Command and data handling (C&DH)
• Communications payload
• Radar imaging payload
• Optical imaging payload
• General analog monitoring and control

3 Description
The AFE11612-SEP is a highly integrated analog
monitor and control device designed for high-density,
general-purpose monitor and control systems. The
device includes 12 12-bit digital-to-analog converters
(DACs) and a 16-channel, 12-bit, analog-to-digital
converter (ADC). The device also incorporates
eight general-purpose inputs and outputs (GPIOs),
two remote temperature sensor channels, and a local
temperature sensor channel.
The device has an internal 2.5-V reference that
sets the DAC to an output voltage range of
0 V to 5 V. The device also supports operation
from an external reference. The device supports
communication through both SPI-compatible and I2Ccompatible
interfaces.
The device high level of integration significantly
reduces component count and simplifies closed-loop
system design, thus making the device a great choice
for high-density applications where radiation-tolerance
and board space are critical.




Similar Part No. - AFE11612PAPSEP

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
AFE1103 BURR-BROWN-AFE1103 Datasheet
204Kb / 10P
HDSL/MDSL ANALOG FRONT END
AFE1103E BURR-BROWN-AFE1103E Datasheet
204Kb / 10P
HDSL/MDSL ANALOG FRONT END
AFE1104 BURR-BROWN-AFE1104 Datasheet
203Kb / 10P
HDSL/MDSL ANALOG FRONT END
AFE1104E BURR-BROWN-AFE1104E Datasheet
203Kb / 10P
HDSL/MDSL ANALOG FRONT END
AFE1105 BURR-BROWN-AFE1105 Datasheet
206Kb / 10P
HDSL/MDSL ANALOG FRONT END
More results


Similar Description - AFE11612PAPSEP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC7812 TI1-AMC7812 Datasheet
2Mb / 90P
12-Bit ANALOG MONITORING AND CONTROL SOLUTION with Multichannel ADC, DACs, and Temperature Sensors
logo
TEXAS ADVANCED OPTOELEC...
AMC7812B TAOS-AMC7812B Datasheet
2Mb / 92P
12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
logo
Texas Instruments
AMC7812SPAPR TI-AMC7812SPAPR Datasheet
2Mb / 92P
12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
AMC7812B TI1-AMC7812B_14 Datasheet
2Mb / 93P
12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
AMC7812B TI-AMC7812B_15 Datasheet
2Mb / 92P
12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
AMC7812B TI1-AMC7812B Datasheet
2Mb / 92P
12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
AMC60804 TI-AMC60804 Datasheet
952Kb / 7P
AMC60804 4-Channel, EML Monitor and Controller With Current and Voltage Output DACs and Multichannel ADC
AMC7932 TI-AMC7932 Datasheet
746Kb / 9P
AMC7932 32-Channel, 12-Bit Analog Monitor and Controller With Multichannel ADC, Bipolar DACs, Temperature Sensor and GPIO Ports
NOVEMBER 2021
AMC7924 TI-AMC7924 Datasheet
1Mb / 11P
AMC7924 24-Channel, 12-Bit Analog Monitor and Controller With Multichannel ADC, Bipolar DACs, Temperature Sensor, and GPIO Ports
NOVEMBER 2021
AMC60804T TI-AMC60804T Datasheet
520Kb / 6P
AMC60804T 4-Channel Optical Monitor and Controller With Current and Voltage Output DACs and Multichannel ADC
JANUARY 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com