Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA593 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
OPA593 Datasheet PDF - Texas Instruments
Part # OPA593
Download  OPA593 Download
File Size   2602.11 Kbytes
Page   38 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description OPA593 85-V, 250-mA Output Current, Precision, Power Op Amp

OPA593 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA593 Datasheet PDF - Texas Instruments

Part # OPA593
Download  OPA593 Click to download

File Size   2602.11 Kbytes
Page   38 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description OPA593 85-V, 250-mA Output Current, Precision, Power Op Amp

OPA593 Datasheet (HTML) - Texas Instruments


OPA593 Product details

1 Features
• Wide power-supply range:
– 8 V (±4 V) to 85 V (±42.5 V)
• Low offset voltage: ±20 μV
• Low offset voltage drift: ±0.4 μV/°C
• High output current: 250 mA
• Wide gain bandwidth: 10 MHz
• High slew rate: 45 V/μs, rising
• Low noise: 7 nV/√Hz at 10 kHz
• Mux-friendly inputs
• Rail-to-rail output
• Quiescent current:
– Enabled: 3.25 mA
– Disabled: 250 μA
• Specified current limit accuracy
• Overtemperature and overcurrent flags
• Temperature range: –40°C to +125°C
• Package: 12-pin WSON

2 Applications
• Semiconductor test
• Semiconductor manufacturing
• Programmable DC power supply
• LCD test
• CT and PET scanner

3 Description
The OPA593 is a high-voltage (85 V), highprecision,
wide-bandwidth (10 MHz), high-outputcurrent
(250 mA), unity-gain-stable, power op amp.
The OPA593 uses a laser trimming technique to
improve the offset voltage (20 μV, typical) and offset
voltage drift (0.4 μV/°C, typical), and thus avoids the
need for calibration. This device features mux-friendly
inputs that enable differential input voltage range to
the supply rails and help improve settling performance
in multichannel systems.
An external resistor can be used to limit the current
with specified accuracy, and thus provide more
precise measurements. In case of an overcurrent
or overtemperature condition, the device indicates
erroneous operation through a status flag. An
included disable feature is used to shutdown the
device, saving power and placing the output into a
high-impedance state.
The device is unity-gain stable, enabling operation
as a high-impedance buffer. The wide bandwidth and
high slew enable high signal gains. The high output
current and capacitive drive allow the device to drive
external field-effect transistors (FETs) used to provide
higher system currents, such as in a digital power
supply.




Similar Part No. - OPA593

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA593 TI-OPA593 Datasheet
1Mb / 23P
OPA593 85-V, 250-mA Output Current, Precision Operational Amplifier
MARCH 2022
OPA593 TI2-OPA593 Datasheet
2Mb / 40P
OPA593 85-V, 250-mA Output Current, Precision, Power Op Amp
REVISED DECEMBER 2022
logo
KODENSHI_AUK CORP.
OPA5930UYO KODENSHI-OPA5930UYO Datasheet
96Kb / 1P
Ultra Yellow LED Chip
logo
Texas Instruments
OPA593DNTR TI2-OPA593DNTR Datasheet
2Mb / 40P
OPA593 85-V, 250-mA Output Current, Precision, Power Op Amp
REVISED DECEMBER 2022
OPA593DNTR.A TI2-OPA593DNTR.A Datasheet
2Mb / 40P
OPA593 85-V, 250-mA Output Current, Precision, Power Op Amp
REVISED DECEMBER 2022
More results


Similar Description - OPA593

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD846 AD-AD846 Datasheet
513Kb / 12P
450 V/us, Precision, Current-Feedback Op Amp
REV.C
logo
Linear Technology
LT1970 LINER-LT1970 Datasheet
233Kb / 12P
500mA Power Op Amp with Adjustable Precision Current Limit
LT1970 LINER-LT1970_1 Datasheet
548Kb / 24P
500mA Power Op Amp with Adjustable Precision Current Limit
logo
JMK Inc.
HH-1055-6.3 JMK-HH-1055-6.3 Datasheet
117Kb / 1P
Operating voltage = 85 to 250 V~ Operating current = 6.3 Amp
logo
Linear Technology
LT1970A LINER-LT1970A Datasheet
264Kb / 24P
500mA Power Op Amp with Adjustable Precision Current Limit
logo
Analog Devices
AD8624ARUZ AD-AD8624ARUZ Datasheet
432Kb / 20P
Low Power, Precision Rail-to-Rail Output Op Amp
REV. C
AD846 AD-AD846_15 Datasheet
311Kb / 12P
450 V/ms, Precision, Current-Feedback Op Amp
REV. B
logo
Linear Technology
LT1970A LINER-LT1970A_15 Datasheet
271Kb / 24P
500mA Power Op Amp with Adjustable Precision Current Limit
LT1970 LINER-LT1970_15 Datasheet
273Kb / 26P
500mA Power Op Amp with Adjustable Precision Current Limit
logo
Texas Instruments
OPA593 TI-OPA593 Datasheet
1Mb / 23P
OPA593 85-V, 250-mA Output Current, Precision Operational Amplifier
MARCH 2022
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com