Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPT4048DTST Datasheet (PDF) - Texas Instruments

OPT4048DTST Datasheet PDF - Texas Instruments
Part # OPT4048DTST
Download  OPT4048DTST Download
File Size   1456.02 Kbytes
Page   45 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description OPT4048 High Speed High Precision Tristimulus XYZ Color Sensor

OPT4048DTST Datasheet (PDF)

Go To PDF Page Download Datasheet
OPT4048DTST Datasheet PDF - Texas Instruments

Part # OPT4048DTST
Download  OPT4048DTST Click to download

File Size   1456.02 Kbytes
Page   45 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description OPT4048 High Speed High Precision Tristimulus XYZ Color Sensor

OPT4048DTST Datasheet (HTML) - Texas Instruments


OPT4048DTST Product details

1 Features
• High precision, high speed color light-to-digital
conversion over high speed I2C interface
• Four channel sensing using precision optical
filters:
– XYZ tristimulus channels with close matching to
CIE 1931 spectra with excellent IR rejection
– Clear wide bandwidth channel
• High resolution color measurement in CIE XY, LUV
space, correlated color temperature (CCT) along
with ambient lux measurement
• Semi-logarithmic output with 7 binary logarithmic
full-scale light range and highly linear response
within each range
• Built-in automatic full-scale light range selection
logic, which switches measurement range based
on input light condition with excellent gain
matching between ranges
• 26 bits of effective dynamic range from 2.15 mlux
to 144 klux
• 12 configurable conversion times from 600 μs to
800 ms per channel is an excellent choice for
a wide variety of high speed and high precision
applications
• External pin interrupt for hardware synchronized
trigger and interrupts
• Low operating current: 24 μA with ultra-low power
standby: 2 μA
• Operating temperature range: –40°C to +85°C
• Wide power-supply range: 1.6 V to 3.6 V
• 5.5-V Tolerant I/Os
• Selectable I2C address
• Small-form factor:
– 2.1 mm x 1.9 mm x 0.6 mm SOT-5X3 package

2 Applications
• Display brightness & color adjustments
• Camera image correction
• Auto white balancing
• Building automation & control
• Lighting control systems
• Tablet and notebook computers

3 Description
The OPT4048 is a single-chip high resolution color
sensor, capable of measuring four channels each
with specific engineered spectral responses. Three of
the four channels closely match the CIE tristimulus
spectra with the fourth channel having a wide band
spectral response. With measurements from these
channels, important characteristics of the lighting
environment can be extracted like (i) light intensity
(lux), (ii) color in CIE XY, LUV coordinates and
(iii) Correlated Color Temperature. The OPT4048 is
available in a small SOT-5X3 package.
The OPT4048 has a selectable addressing scheme
to enable up to 4 devices on a shared I2C bus. The
spectral response of the channels have been specially
tuned to closely mimic the CIE tristimulus spectra to
get the most accurate color detection, with strong
rejection for wavelengths away from their respective
peaks, especially the NIR (850 nm & 940 nm) region.
The filters use an advanced filter technology which
provides excellent filter performance even at higher
angles of light incidence. This device, with high
accuracy color sensing capability, enables several
applications requiring precise sensing of ambient light
color and color temperature.




Similar Part No. - OPT4048DTST

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPT4041 TI-OPT4041 Datasheet
2Mb / 51P
OPT4041 High Speed, Dual-Channel, High Precision, Digital Ambient Light Sensor
DECEMBER 2024
OPT4041DTSR TI-OPT4041DTSR Datasheet
2Mb / 51P
OPT4041 High Speed, Dual-Channel, High Precision, Digital Ambient Light Sensor
DECEMBER 2024
More results


Similar Description - OPT4048DTST

ManufacturerPart #DatasheetDescription
logo
Rohm
IA1208-FE10A ROHM-IA1208-FE10A Datasheet
77Kb / 6P
Color image sensor heads for High-speed Scanner
IA6008-FE10A ROHM-IA6008-FE10A Datasheet
75Kb / 6P
Color image sensor heads for High-Speed
LSH1208-BA50A ROHM-LSH1208-BA50A Datasheet
179Kb / 6P
Color Multi Line Sensor Heads for High-speed Scanner
LSH1208-BA50A ROHM-LSH1208-BA50A_11 Datasheet
911Kb / 6P
Color Contact Image Sensor Heads for High-speed Scanner
LSH6008-BA50A ROHM-LSH6008-BA50A Datasheet
907Kb / 5P
Color Contact Image Sensor Heads for High-Speed Scanner
logo
ams AG
AS7264N AMSCO-AS7264N Datasheet
793Kb / 41P
XYZ Chromatic Color and 440/490nm Blue Sensor with Electronic Shutter
logo
Texas Instruments
OPT4001 TI-OPT4001 Datasheet
1Mb / 38P
OPT4001 High Speed, High Precision, Digital Ambient Light Sensor
DECEMBER 2021
OPT4001 TI-OPT4001_V01 Datasheet
1Mb / 42P
OPT4001 High Speed, High Precision, Digital Ambient Light Sensor
DECEMBER 2021
OPT4001 TI-OPT4001_V02 Datasheet
2Mb / 54P
OPT4001 High Speed, High Precision, Digital Ambient Light Sensor
REVISED DECEMBER 2022
OPT4001-Q1 TI1-OPT4001-Q1_V01 Datasheet
1Mb / 47P
OPT4001-Q1 Automotive High-Speed, High-Precision, Digital Ambient Light Sensor
REVISED JULY 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com