Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPT4041DTSR Datasheet (PDF) - Texas Instruments

OPT4041DTSR Datasheet PDF - Texas Instruments
Part # OPT4041DTSR
Download  OPT4041DTSR Download
File Size   2655.89 Kbytes
Page   51 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description OPT4041 High Speed, Dual-Channel, High Precision, Digital Ambient Light Sensor

OPT4041DTSR Datasheet (PDF)

Go To PDF Page Download Datasheet
OPT4041DTSR Datasheet PDF - Texas Instruments

Part # OPT4041DTSR
Download  OPT4041DTSR Click to download

File Size   2655.89 Kbytes
Page   51 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description OPT4041 High Speed, Dual-Channel, High Precision, Digital Ambient Light Sensor

OPT4041DTSR Datasheet (HTML) - Texas Instruments


OPT4041DTSR Product details

1 Features
• High precision, high speed light-to-digital
conversion over high speed I2C interface
• Visible channel:
– Precision optical filtering to closely match
human eye with excellent near infrared (IR)
rejection
– 28 bits of effective dynamic range: 585μlux to
157klux
• Wide band channel:
– Responsive to a wide range of wavelengths,
including NIR
– 26 bits of effective dynamic range:
192.3pW/cm2 to 12.91mW/cm2
• Semi-logarithmic output:
– 9 (visible channel) and 7 (WB channel) binary
logarithmic full-scale light ranges
– Highly linear response within each range
• Built-in automatic full-scale light range selection
logic that switches measurement range based on
input light condition for best possible resolution at
all times
• 12 configurable conversion times:
– 600μs to 800ms per channel for high-speed
and high-precision applications
• External pin interrupt for hardware synchronized
trigger and interrupts
• Internal FIFO on output registers with I2C burst
readout
• Low operating current: 30μA
with ultra-low power standby: 2μA
• Operating temperature range: –40°C to +85°C
• Wide power-supply range: 1.6V to 3.6V
• 5.5V Tolerant I/O pins
• Selectable I2C address
• Small-form factor:
– 2.1mm × 1.9mm × 0.6mm SOT-5X3 package

2 Applications
• IP Network Cameras
• Video doorbell
• Analog Security Camera
• Door & Window Sensor

3 Description
The OPT4041 is a light-to-digital sensor (single chip lux meter) that measures the intensity of visible light in two
independent channels. The spectral response of the ALS channel tightly matches the photopic response of the
human eye, where as the spectral response of the WB channel is wide and measures a broad spectrum of light.
A specially engineered filter on the ALS channel rejects near-infrared component from common light sources to
measure accurate light intensity. The output of the OPT4041 is semi-logarithmic with binary logarithmic full-scale
light ranges along with a highly linear response within each range. The visible channel provides nine binary
light ranges, providing measurement capability from 585μlux to 157klux and 28 bits of effective dynamic range.
The wide band channel provides seven light ranges, providing measurement capability from 192.3pW/cm2 to
12.91mW/cm2 and 26 bits of effective dynamic range. The built-in automatic range selection logic dynamically
adjusts the device gain settings based on the light level, providing the best possible resolution in all conditions
without user input.
The OPT4041 is equipped with engineered optical filters on both channels, providing strong out-of-band
rejection. Strong infrared rejection on the visible channel aids in maintaining high lux accuracy across all light
sources, especially when the sensor is placed under dark glass for aesthetic reasons. The WB channel provides
a wide spectrum response helping measure a wide range of spectral content including NIR wavelengths 850nm
and 940nm.
The OPT4041 is designed for systems that require light level detection to enhance user experience and typically
replaces low-accuracy photodiodes, photoresistors, and other ambient light sensors with underwhelming human
eye matching and near-infrared rejection.
The OPT4041 device can be configured to operate with light conversion times from 600μs to 800ms per channel
in 12 steps, providing system flexibility based on application need. Conversion time includes the light integration
time and analog-to-digital (ADC) conversion time. Measurement resolution is determined by a combination of
light intensity and integration time, effectively providing the capability to measure down to 585μlux of light
intensity changes.
Digital operation is flexible for system integration. Measurements can be either continuous or triggered in one
shot with register writes or a hardware pin. The device features a threshold detection logic, which allows the
processor to sleep while the sensor waits for an appropriate wake-up event to report through the interrupt pin.
The sensor reports a digital output representing the light level over an I2C- and SMBus-compatible, two-wire
serial interface. An internal first-in-first-out (FIFO) on the output registers is available to read out measurements
from the sensor at a slower pace while still preserving all data captured by the device. The OPT4041 also
supports I2C burst mode, thus helping the host read data from the FIFO with minimal I2C overhead.
The low power consumption and low power-supply voltage capability of the OPT4041 helps enhance the battery
life of battery-powered systems.




Similar Part No. - OPT4041DTSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPT4048 TI-OPT4048 Datasheet
1Mb / 45P
OPT4048 High Speed High Precision Tristimulus XYZ Color Sensor
DECEMBER 2022
OPT4048DTSR TI-OPT4048DTSR Datasheet
1Mb / 45P
OPT4048 High Speed High Precision Tristimulus XYZ Color Sensor
DECEMBER 2022
OPT4048DTST TI-OPT4048DTST Datasheet
1Mb / 45P
OPT4048 High Speed High Precision Tristimulus XYZ Color Sensor
DECEMBER 2022
More results


Similar Description - OPT4041DTSR

ManufacturerPart #DatasheetDescription
logo
TEXAS ADVANCED OPTOELEC...
TSL4531 TAOS-TSL4531 Datasheet
164Kb / 16P
DIGITAL AMBIENT LIGHT SENSOR
logo
Sanyo Semicon Device
LV0104CS SANYO-LV0104CS Datasheet
231Kb / 8P
Digital Ambient Light Sensor
logo
ams AG
TSL4531 AMSCO-TSL4531 Datasheet
655Kb / 17P
DIGITAL AMBIENT LIGHT SENSOR
logo
ON Semiconductor
NOA1312 ONSEMI-NOA1312 Datasheet
200Kb / 16P
High-Precision Ambient Light Sensor
November, 2011 ??Rev. P0
logo
Texas Instruments
OPT4001 TI-OPT4001 Datasheet
1Mb / 38P
OPT4001 High Speed, High Precision, Digital Ambient Light Sensor
DECEMBER 2021
OPT4001 TI-OPT4001_V01 Datasheet
1Mb / 42P
OPT4001 High Speed, High Precision, Digital Ambient Light Sensor
DECEMBER 2021
OPT4001 TI-OPT4001_V02 Datasheet
2Mb / 54P
OPT4001 High Speed, High Precision, Digital Ambient Light Sensor
REVISED DECEMBER 2022
OPT4001-Q1 TI-OPT4001-Q1 Datasheet
2Mb / 50P
OPT4001-Q1 Automotive High-Speed, High-Precision, Digital Ambient Light Sensor
MAY 2023
OPT4001-Q1 TI1-OPT4001-Q1_V01 Datasheet
1Mb / 47P
OPT4001-Q1 Automotive High-Speed, High-Precision, Digital Ambient Light Sensor
REVISED JULY 2023
OPT4003-Q1 TI1-OPT4003-Q1 Datasheet
1Mb / 45P
OPT4003-Q1 Automotive High-Speed, High-Precision, Digital Ambient Light Sensor
AUGUST 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com