Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCC27289DPR Datasheet (PDF) - Texas Instruments

UCC27289DPR Datasheet PDF - Texas Instruments
Part # UCC27289DPR
Download  UCC27289DPR Download
File Size   2160.32 Kbytes
Page   36 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description UCC27289 3-A 120-V Half-Bridge Driver with 8-V UVLO and Negative Voltage Handling

UCC27289DPR Datasheet (PDF)

Go To PDF Page Download Datasheet
UCC27289DPR Datasheet PDF - Texas Instruments

Part # UCC27289DPR
Download  UCC27289DPR Click to download

File Size   2160.32 Kbytes
Page   36 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description UCC27289 3-A 120-V Half-Bridge Driver with 8-V UVLO and Negative Voltage Handling

UCC27289DPR Datasheet (HTML) - Texas Instruments


UCC27289DPR Product details

1 Features
• Drives two N-channel MOSFETs in high-side lowside
configuration
• Enable/disable functionality in DRC package
• Low current (7-μA) consumption when disabled
• 16-ns typical propagation delay
• 12-ns rise, 10-ns fall time with 1800-pF load
(typical)
• 1-ns typical delay matching
• Integrated 100V bootstrap diode
• 8-V typical undervoltage lockout
• Absolute maximum negative voltage handling on
inputs (–5 V)
• Absolute maximum negative voltage handling on
HS (–14 V)
• ±3-A peak output current
• Absolute maximum boot voltage 120 V
• Inputs are independent of each other and VDD
• Under voltage lockout for both channels
• Specified from –40°C to 140°C junction
temperature

2 Applications
• Merchant network & server PSU
• Merchant telecom rectifiers
• DC input BLDC motor drive
• Solar micro inverters
• Test & measurement equipment

3 Description
The UCC27289 is a robust N-channel MOSFET driver
with a maximum switch node (HS) voltage rating
of 100 V. It allows for two N-channel MOSFETs
to be controlled in half-bridge or synchronous buck
configuration based topologies. Its 3-A peak source
and sink current along with low pull-up and pulldown
resistance allows the UCC27289 to drive large
power MOSFETs with minimum switching losses
during the transition of the MOSFET Miller plateau.
Since the inputs are independent of the supply
voltage, UCC27289 can be used in conjunction with
both analog and digital controllers. Two inputs are
completely independent of each other and thus two
outputs can be overlapped by overlapping inputs,
if needed. The enable and disable functionality
provides additional system flexibility by reducing
power consumption by the driver and responds to
fault events within the system.
The input pins as well as the HS pin are able to
tolerate significant negative voltage, which improves
system robustness. Small propagation delay and
delay matching specifications minimize the dead-time
requirement which improves system efficiency.
Under voltage lockout (UVLO) is provided for both
the high-side and low-side driver stages forcing
the outputs low if the VDD voltage is below the
specified threshold. An integrated bootstrap diode
eliminates the need for an external discrete diode
in many applications, which saves board space and
reduces system cost. UCC27289 is offered in multiple
packages to accommodate system requirements such
as robustness in harsh environments and density in
compact applications.




Similar Part No. - UCC27289DPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27289DPR TI-UCC27289DPR Datasheet
1Mb / 32P
UCC27289 2.5-A/3.5-A 120-V Half-Bridge Driver with 8-V UVLO and Negative Voltage Handling
UCC27289DPR TI-UCC27289DPR Datasheet
2Mb / 37P
UCC27289 3-A 120-V Half-Bridge Driver with 8-V UVLO and Negative Voltage Handling
REVISED MAY 2022
More results


Similar Description - UCC27289DPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27284 TI1-UCC27284 Datasheet
1Mb / 30P
UCC27284 120-V Half-Bridge Driver with Negative Voltage Handling and Low Switching Losses
UCC27284-Q1 TI1-UCC27284-Q1 Datasheet
1Mb / 32P
UCC27284-Q1 Automotive 120-V Half-Bridge Driver with Negative Voltage Handling and Low Switching Losses
UCC27288 TI-UCC27288_V02 Datasheet
1Mb / 32P
UCC27288 2.5-A/3.5-A 120-V Half-Bridge Driver with 8-V UVLO and External Bootstrap Diode
UCC27289 TI-UCC27289 Datasheet
1Mb / 32P
UCC27289 2.5-A/3.5-A 120-V Half-Bridge Driver with 8-V UVLO and Negative Voltage Handling
UCC27284 TI-UCC27284_V01 Datasheet
2Mb / 37P
UCC27284 3-A 120-V Half-Bridge Driver with Negative Voltage Handling and Low Switching Losses
REVISED APRIL 2022
UCC27284 TI-UCC27284_V02 Datasheet
2Mb / 38P
UCC27284 3-A 120-V Half-Bridge Driver with Negative Voltage Handling and Low Switching Losses
REVISED APRIL 2022
UCC27289 TI-UCC27289_V02 Datasheet
2Mb / 37P
UCC27289 3-A 120-V Half-Bridge Driver with 8-V UVLO and Negative Voltage Handling
REVISED MAY 2022
UCC27301A-Q1 TI1-UCC27301A-Q1 Datasheet
1Mb / 33P
UCC27301A-Q1 Automotive 120-V, 3.7-A/4.5-A Half-Bridge Driver with 8-V UVLO, Cross Conduction Protection, and Enable
REVISED AUGUST 2023
UCC27311A-Q1 TI1-UCC27311A-Q1 Datasheet
1Mb / 27P
UCC27311A-Q1 Automotive 120-V, 3.7-A/4.5-A Half-Bridge Driver with 8-V UVLO, Integrated Bootstrap Diode, and Enable
REVISED AUGUST 2023
LM2101 TI-LM2101 Datasheet
2Mb / 33P
LM2101 107-V, 0.5-A, 0.8-A Half-Bridge Driver with 8-V UVLO
REVISED SEPTEMBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com