Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCC27311A-Q1 Datasheet (PDF) - Texas Instruments

UCC27311A-Q1 Datasheet PDF - Texas Instruments
Part # UCC27311A-Q1
Download  UCC27311A-Q1 Download
File Size   1128.62 Kbytes
Page   27 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description UCC27311A-Q1 Automotive 120-V, 3.7-A/4.5-A Half-Bridge Driver with 8-V UVLO, Integrated Bootstrap Diode, and Enable

UCC27311A-Q1 Datasheet (PDF)

Go To PDF Page Download Datasheet
UCC27311A-Q1 Datasheet PDF - Texas Instruments

Part # UCC27311A-Q1
Download  UCC27311A-Q1 Click to download

File Size   1128.62 Kbytes
Page   27 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description UCC27311A-Q1 Automotive 120-V, 3.7-A/4.5-A Half-Bridge Driver with 8-V UVLO, Integrated Bootstrap Diode, and Enable

UCC27311A-Q1 Datasheet (HTML) - Texas Instruments


UCC27311A-Q1 Product details

1 Features
• Qualified for automotive applications
• AEC-Q100 qualified with the following results:
– Temperature grade 1 (TJ = –40°C to 150°C)
– HBM ESD classification level 1B
– CDM ESD classification level C3
• Drives two N-channel MOSFETs in high-side and
low-side configuration
• Maximum boot voltage 120-V DC
• 3.7-A sink, 4.5-A source output currents
• Integrated bootstrap diode
• Input pins can tolerate –10 V to +20 V and are
independent of supply voltage range
• TTL compatible inputs
• 8-V to 17-V VDD operating range (20-V abs max)
with UVLO
• 7.2-ns rise and 5.5-ns fall time with 1000-pF load
• Enable/disable functionality with low current (7 μA)
consumption when disabled
• Fast propagation delay times (20 ns typical)
• 4-ns delay matching
• Junction temperature specified from –40°C to
+150°C

2 Applications
• Automotive DC/DC converters
• Electric power steering (EPS)
• On-board charger (OBC)
• Integrated belt starter generator
• Automotive HVAC compressor modules

3 Description
The UCC27311A-Q1 automotive half-bridge driver is
a robust N-channel MOSFET driver with an absolute
maximum switch node (HS) voltage rating of 115 V. It
allows for two N-channel MOSFETs to be controlled in
half-bridge or synchronous buck configuration based
topologies. Its 3.7-A peak source and 4.5-A peak
sink current capability allows the UCC27311A-Q1 to
drive large power MOSFETs with minimized switching
losses during the transition through the Miller Plateau.
The switching node of the UCC27311A-Q1 (HS pin)
can handle negative transient voltage, which allows
the high-side channel to be protected from inherent
negative voltages caused by parasitic inductance and
stray capacitance.
The input structure can directly handle –10 VDC,
which increases robustness and also allows direct
interface to gate-drive transformers without using
rectification diodes. The LI and HI inputs are also
independent of supply voltage and have a 20-V
absolute maximum rating.




Similar Part No. - UCC27311A-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27311A-Q1 TI-UCC27311A-Q1 Datasheet
1Mb / 37P
UCC27311A 120V, 3.7A/4.5A Half-Bridge Driver with 8V UVLO and Enable
JULY 2024
UCC27311A-Q1 TI-UCC27311A-Q1 Datasheet
1Mb / 31P
UCC27311A-Q1 Automotive 120V, 3.7A/4.5A Half-Bridge Driver with 8V UVLO and Enable
JULY 2024
UCC27311A-Q1 TI-UCC27311A-Q1_V01 Datasheet
1Mb / 31P
UCC27311A-Q1 Automotive 120V, 3.7A/4.5A Half-Bridge Driver with 8V UVLO and Enable
JULY 2024
More results


Similar Description - UCC27311A-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27288 TI-UCC27288_V02 Datasheet
1Mb / 32P
UCC27288 2.5-A/3.5-A 120-V Half-Bridge Driver with 8-V UVLO and External Bootstrap Diode
UCC27289 TI-UCC27289 Datasheet
1Mb / 32P
UCC27289 2.5-A/3.5-A 120-V Half-Bridge Driver with 8-V UVLO and Negative Voltage Handling
UCC27289 TI-UCC27289_V01 Datasheet
2Mb / 36P
UCC27289 3-A 120-V Half-Bridge Driver with 8-V UVLO and Negative Voltage Handling
REVISED MAY 2022
UCC27289 TI-UCC27289_V02 Datasheet
2Mb / 37P
UCC27289 3-A 120-V Half-Bridge Driver with 8-V UVLO and Negative Voltage Handling
REVISED MAY 2022
LM2105 TI-LM2105 Datasheet
1Mb / 25P
LM2105 105-V, 0.5-A/0.8-A Half-Bridge Driver with 5-V UVLO and Integrated Bootstrap Diode
REVISED MARCH 2023
LM2105 TI-LM2105_V01 Datasheet
1Mb / 28P
LM2105 105-V, 0.5-A, 0.8-A Half-Bridge Driver with 5-V UVLO and Integrated Bootstrap Diode
REVISED MAY 2023
UCC27301A-Q1 TI1-UCC27301A-Q1 Datasheet
1Mb / 33P
UCC27301A-Q1 Automotive 120-V, 3.7-A/4.5-A Half-Bridge Driver with 8-V UVLO, Cross Conduction Protection, and Enable
REVISED AUGUST 2023
LM2101 TI-LM2101 Datasheet
2Mb / 33P
LM2101 107-V, 0.5-A, 0.8-A Half-Bridge Driver with 8-V UVLO
REVISED SEPTEMBER 2023
LM2005 TI-LM2005_V01 Datasheet
2Mb / 32P
LM2005 107-V, 0.5-A, 0.8-A Half-Bridge Driver with 8-V UVLO and Integrated Bootstrap Diode
REVISED SEPTEMBER 2023
LM2105 TI-LM2105_V02 Datasheet
2Mb / 32P
LM2105 107-V, 0.5-A, 0.8-A Half-Bridge Driver with 5-V UVLO and Integrated Bootstrap Diode
REVISED SEPTEMBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com