Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1340125 Datasheet (PDF) - PHOENIX CONTACT

1340125 Datasheet PDF - PHOENIX CONTACT
Part # 1340125
Download  1340125 Download
File Size   182.91 Kbytes
Page   4 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Coaxial cable - NBC-COX-CNM/10.0-L/COX-CNM

1340125 Datasheet (PDF)

Go To PDF Page Download Datasheet
1340125 Datasheet PDF - PHOENIX CONTACT

Part # 1340125
Download  1340125 Click to download

File Size   182.91 Kbytes
Page   4 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Coaxial cable - NBC-COX-CNM/10.0-L/COX-CNM

1340125 Datasheet (HTML) - PHOENIX CONTACT


1340125 Product details

Coaxial cable, 50 Ω, length: 10 m, N(m) - N(m), external cable diameter: 10.3 mm, transmission
frequency: ≤7.25 GHz, typical attenuation: 800 MHz 1.6 dB, 2.4 GHz 2.7 dB, 5.8 GHz 4.3 dB, 7.
25 GHz 5 dB

Your advantages
• Future-proof, thanks to the use of lead-free materials
• Ideal for WLAN, Bluetooth, LTE, and 5G signals
• The frequency range up to 7.25 GHz enables the use of high Wi-Fi 6 and 5G frequency bands
• Use of UV-resistant LSZH cable enables use in virtually all industrial field communication applications




Similar Part No. - 1340125

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1340122 PHOENIX-1340122 Datasheet
185Kb / 5P
Coaxial cable - NBC-COX-CNM/0.5-M/COX-CNM
Jan 11, 2023
1340123 PHOENIX-1340123 Datasheet
185Kb / 5P
Coaxial cable - NBC-COX-CNM/3.0-L/COX-CNM
Jan 11, 2023
logo
Turck, Inc.
1340123 TURCK-1340123 Datasheet
342Kb / 3P
Inductive Sensor – With Extended Temperature Range
11/07/2023
logo
PHOENIX CONTACT
1340124 PHOENIX-1340124 Datasheet
182Kb / 4P
Coaxial cable - NBC-COX-CNM/5.0-L/COX-CNM
Jan 11, 2023
1340126 PHOENIX-1340126 Datasheet
182Kb / 4P
Coaxial cable - NBC-COX-CNM/15.0-L/COX-CNM
Jan 11, 2023
More results


Similar Description - 1340125

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1340127 PHOENIX-1340127 Datasheet
184Kb / 3P
Coaxial cable - NBC-COX-CNM/30.0-L/COX-CNM
Nov 3, 2022
1340147 PHOENIX-1340147 Datasheet
184Kb / 4P
Coaxial cable - NBC-COX-CNM/5.0-M/COX-CKM
Nov 3, 2022
1340122 PHOENIX-1340122 Datasheet
185Kb / 5P
Coaxial cable - NBC-COX-CNM/0.5-M/COX-CNM
Jan 11, 2023
1340123 PHOENIX-1340123 Datasheet
185Kb / 5P
Coaxial cable - NBC-COX-CNM/3.0-L/COX-CNM
Jan 11, 2023
1340124 PHOENIX-1340124 Datasheet
182Kb / 4P
Coaxial cable - NBC-COX-CNM/5.0-L/COX-CNM
Jan 11, 2023
1340126 PHOENIX-1340126 Datasheet
182Kb / 4P
Coaxial cable - NBC-COX-CNM/15.0-L/COX-CNM
Jan 11, 2023
1340130 PHOENIX-1340130 Datasheet
175Kb / 3P
Coaxial cable - NBC-COX-CNM/0.5-S/COX-CLM
Jan 11, 2023
1340131 PHOENIX-1340131 Datasheet
179Kb / 4P
Coaxial cable - NBC-COX-CNM/1.0-M/COX-CLM
Jan 11, 2023
1340133 PHOENIX-1340133 Datasheet
176Kb / 3P
Coaxial cable - NBC-COX-CNM/1.5-M/COX-CLM
Jan 11, 2023
1340139 PHOENIX-1340139 Datasheet
175Kb / 3P
Coaxial cable - NBC-COX-CNM/0.5-S/COX-CKM
Jan 11, 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com