Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1817628 Datasheet (PDF) - PHOENIX CONTACT

1817628 Datasheet PDF - PHOENIX CONTACT
Part # 1817628
Download  1817628 Download
File Size   651.98 Kbytes
Page   15 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB header - MC 1,5/ 3-GF-3,5-LR

1817628 Datasheet (PDF)

Go To PDF Page Download Datasheet
1817628 Datasheet PDF - PHOENIX CONTACT

Part # 1817628
Download  1817628 Click to download

File Size   651.98 Kbytes
Page   15 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB header - MC 1,5/ 3-GF-3,5-LR

1817628 Datasheet (HTML) - PHOENIX CONTACT


1817628 Product details

PCB headers, nominal cross section: 1.5 mm2
, color: green, nominal current: 8 A, rated voltage
(III/2): 160 V, contact surface: Tin, type of contact: Male connector, number of potentials: 3,
number of rows: 1, number of positions: 3, number of connections: 3, product range: MC 1,5/..-
GF-LR, pitch: 3.5 mm, mounting: Wave soldering, pin layout: Linear pinning, solder pin [P]: 3.4
mm, number of solder pins per potential: 1, plug-in system: COMBICON MC 1,5, Pin connector
pattern alignment: Standard, locking: Snap-in locking, mounting: Lock & release threaded flange,
type of packaging: packed in cardboard

Your advantages
• Well-known mounting principle allows worldwide use
• Screwable flange for superior mechanical stability
• Automatic locking and intuitive release through Lock and Release operating lever in contrasting color
• Maximum flexibility when it comes to device design – one header for connectors with different connection technologies




Similar Part No. - 1817628

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1817615 PHOENIX-1817615 Datasheet
328Kb / 8P
Printed-circuit board connector - MC 1,5/ 2-GF-3,5-LR
1817631 PHOENIX-1817631 Datasheet
127Kb / 5P
Printed-circuit board connector - MC 1,5/ 4-GF-3,5-LR
1817644 PHOENIX-1817644 Datasheet
127Kb / 5P
Printed-circuit board connector - MC 1,5/ 5-GF-3,5-LR
1817657 PHOENIX-1817657 Datasheet
127Kb / 5P
Printed-circuit board connector - MC 1,5/ 6-GF-3,5-LR
1817660 PHOENIX-1817660 Datasheet
127Kb / 5P
Printed-circuit board connector - MC 1,5/ 7-GF-3,5-LR
More results


Similar Description - 1817628

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1843871 PHOENIX-1843871 Datasheet
801Kb / 18P
PCB header - MC 1,5/10-GF-3,5
Jul 21, 2022
1843868 PHOENIX-1843868 Datasheet
791Kb / 18P
PCB header - MC 1,5/ 9-GF-3,5
Nov 30, 2022
1847479 PHOENIX-1847479 Datasheet
547Kb / 12P
PCB header - MC 1,5/ 3-GF-5,08
Nov 30, 2022
1789203 PHOENIX-1789203 Datasheet
738Kb / 16P
PCB header - MC 1,5/ 4-GF-3,5 P26 THR
Jan 3, 2023
1817796 PHOENIX-1817796 Datasheet
613Kb / 14P
PCB header - MC 1,5/20-GF-3,5-LR
Jan 10, 2023
1843790 PHOENIX-1843790 Datasheet
791Kb / 18P
PCB header - MC 1,5/ 2-GF-3,5
1843826 PHOENIX-1843826 Datasheet
791Kb / 18P
PCB header - MC 1,5/ 5-GF-3,5
1843910 PHOENIX-1843910 Datasheet
770Kb / 17P
PCB header - MC 1,5/14-GF-3,5
1995787 PHOENIX-1995787 Datasheet
499Kb / 10P
PCB header - MC 1,5/ 2-GF-3,5 AU
1818054 PHOENIX-1818054 Datasheet
519Kb / 12P
MCV 1,5/ 8-GF-3,5-LR - PCB header
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com