Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1840489 Datasheet (PDF) - PHOENIX CONTACT

1840489 Datasheet PDF - PHOENIX CONTACT
Part # 1840489
Download  1840489 Download
File Size   881.49 Kbytes
Page   16 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB connector - MC 1,5/14-ST-3,5

1840489 Datasheet (PDF)

Go To PDF Page Download Datasheet
1840489 Datasheet PDF - PHOENIX CONTACT

Part # 1840489
Download  1840489 Click to download

File Size   881.49 Kbytes
Page   16 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB connector - MC 1,5/14-ST-3,5

1840489 Datasheet (HTML) - PHOENIX CONTACT


1840489 Product details

PCB connector, nominal cross section: 1.5 mm2, color: green, nominal current: 8 A, rated voltage
(III/2): 160 V, contact surface: Tin, type of contact: Female connector, number of potentials: 14,
number of rows: 1, number of positions: 14, number of connections: 14, product range: MC 1,5/..
-ST, pitch: 3.5 mm, connection method: Screw connection with tension sleeve, screw head form:
L Slotted, conductor/PCB connection direction: 0 °, number of solder pins per potential: 1, plug-in
system: COMBICON MC 1,5, locking: without, mounting: without, type of packaging: packed in
cardboard

Your advantages
• Well-known connection principle allows worldwide use
• Low temperature rise, thanks to maximum contact force
• Allows connection of two conductors




Similar Part No. - 1840489

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
1840489 MICROCHIP-1840489 Datasheet
102Kb / 3P
plug-in direction parallel to the conductor axis
28. Juni 2001
More results


Similar Description - 1840489

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1840379 PHOENIX-1840379 Datasheet
139Kb / 5P
MC 1,5/ 3-ST-3,5
1840405 PHOENIX-1840405 Datasheet
140Kb / 5P
MC 1,5/ 6-ST-3,5
1840492 PHOENIX-1840492 Datasheet
393Kb / 14P
MC 1,5/15-ST-3,5
1840418 PHOENIX-1840418 Datasheet
874Kb / 15P
PCB connector - MC 1,5/ 7-ST-3,5
Jul 20, 2022
1894655 PHOENIX-1894655 Datasheet
414Kb / 11P
PCB connector - MC 1,5/ 2-ST-3,5 AU
Nov 30, 2022
1840515 PHOENIX-1840515 Datasheet
960Kb / 18P
PCB connector - MC 1,5/17-ST-3,5
Jan 4, 2023
1840531 PHOENIX-1840531 Datasheet
960Kb / 18P
PCB connector - MC 1,5/19-ST-3,5
Jan 10, 2023
1816959 PHOENIX-1816959 Datasheet
553Kb / 13P
PCB connector - MC 1,5/12-ST-3,5-LR
Jan 5, 2023
1843910 PHOENIX-1843910 Datasheet
770Kb / 17P
PCB header - MC 1,5/14-GF-3,5
1816975 PHOENIX-1816975 Datasheet
552Kb / 13P
MC 1,5/14-ST-3,5-LR - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com