Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1816959 Datasheet (PDF) - PHOENIX CONTACT

1816959 Datasheet PDF - PHOENIX CONTACT
Part # 1816959
Download  1816959 Download
File Size   553.18 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB connector - MC 1,5/12-ST-3,5-LR

1816959 Datasheet (PDF)

Go To PDF Page Download Datasheet
1816959 Datasheet PDF - PHOENIX CONTACT

Part # 1816959
Download  1816959 Click to download

File Size   553.18 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB connector - MC 1,5/12-ST-3,5-LR

1816959 Datasheet (HTML) - PHOENIX CONTACT


1816959 Product details

PCB connector, nominal cross section: 1.5 mm2, color: green, nominal current: 8 A, rated voltage
(III/2): 160 V, contact surface: Tin, type of contact: Female connector, number of potentials: 12,
number of rows: 1, number of positions: 12, number of connections: 12, product range: MC 1,5/..
-ST-LR, pitch: 3.5 mm, connection method: Screw connection with tension sleeve, screw head
form: L Slotted, conductor/PCB connection direction: 0 °, number of solder pins per potential: 1,
plug-in system: COMBICON MC 1,5, locking: Snap-in locking, mounting: Lock & Release ejector
lever, type of packaging: packed in cardboard

Your advantages
• Well-known connection principle allows worldwide use
• Low temperature rise, thanks to maximum contact force
• Allows connection of two conductors
• Automatic locking and intuitive release through Lock and Release operating lever in contrasting color




Similar Part No. - 1816959

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1816904 PHOENIX-1816904 Datasheet
542Kb / 13P
MC 1,5/ 7-ST-3,5-LR - PCB connector
1816917 PHOENIX-1816917 Datasheet
126Kb / 9P
Printed-circuit board connector - MC 1,5/ 8-ST-3,5-LR
1816933 PHOENIX-1816933 Datasheet
126Kb / 9P
Printed-circuit board connector - MC 1,5/10-ST-3,5-LR
1816946 PHOENIX-1816946 Datasheet
126Kb / 9P
Printed-circuit board connector - MC 1,5/11-ST-3,5-LR
1816962 PHOENIX-1816962 Datasheet
562Kb / 13P
MC 1,5/13-ST-3,5-LR - PCB connector
More results


Similar Description - 1816959

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1840463 PHOENIX-1840463 Datasheet
141Kb / 5P
MC 1,5/12-ST-3,5
1840418 PHOENIX-1840418 Datasheet
874Kb / 15P
PCB connector - MC 1,5/ 7-ST-3,5
Jul 20, 2022
1790548 PHOENIX-1790548 Datasheet
778Kb / 16P
PCB connector - DFMC 1,5/ 8-ST-3,5-LR
Nov 30, 2022
1840489 PHOENIX-1840489 Datasheet
881Kb / 16P
PCB connector - MC 1,5/14-ST-3,5
Jan 3, 2023
1840515 PHOENIX-1840515 Datasheet
960Kb / 18P
PCB connector - MC 1,5/17-ST-3,5
Jan 4, 2023
1840531 PHOENIX-1840531 Datasheet
960Kb / 18P
PCB connector - MC 1,5/19-ST-3,5
Jan 10, 2023
1790496 PHOENIX-1790496 Datasheet
778Kb / 16P
PCB connector - DFMC 1,5/ 3-ST-3,5-LR
Dec 30, 2022
1790535 PHOENIX-1790535 Datasheet
778Kb / 16P
PCB connector - DFMC 1,5/ 7-ST-3,5-LR
Jan 4, 2023
1790551 PHOENIX-1790551 Datasheet
778Kb / 16P
PCB connector - DFMC 1,5/ 9-ST-3,5-LR
Jan 3, 2023
1816975 PHOENIX-1816975 Datasheet
552Kb / 13P
MC 1,5/14-ST-3,5-LR - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com