Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX202ECSE Datasheet (PDF) - Analog Devices

MAX202ECSE Datasheet PDF - Analog Devices
Part # MAX202ECSE
Download  MAX202ECSE Download
File Size   1920.83 Kbytes
Page   26 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description ±15kV ESD-Protected, 5V RS-232 Transceivers

MAX202ECSE Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX202ECSE Datasheet PDF - Analog Devices

Part # MAX202ECSE
Download  MAX202ECSE Click to download

File Size   1920.83 Kbytes
Page   26 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description ±15kV ESD-Protected, 5V RS-232 Transceivers

MAX202ECSE Datasheet (HTML) - Analog Devices


MAX202ECSE Product details

Benefits and Features
● Saves Board Space
• Integrated High ±15kV HBM ESD Protection
• Integrated Charge Pump Circuitry
- Eliminates the Need for a Bipolar ±12V Supply
- Enables Single Supply Operation From +5V Supply
• Integrated 0.1μF Capacitors (MAX203E, MAX205E)
• 24 pin SSOP Package Saves up to 40% Versus SO
Package
● Saves Power for Reduced Power Requirements
• 1μA Shutdown Mode
• 15μA Shutdown Mode for MAX213E

Applications
● Battery-Powered Equipment
● Hand-Held Equipment
● Portable Diagnostics Equipment




Similar Part No. - MAX202ECSE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX202ECSE MAXIM-MAX202ECSE Datasheet
507Kb / 25P
15kV ESD-Protected, 5V RS-232 Transceivers
Rev 5; 10/03
MAX202ECSE MAXIM-MAX202ECSE Datasheet
2Mb / 26P
15,-15kV ESD-Protected, 5V RS-232 Transceivers
Rev 6; 3/05
More results


Similar Description - MAX202ECSE

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST202E STMICROELECTRONICS-ST202E Datasheet
95Kb / 12P
± 15KV ESD PROTECTED 5V RS-232 TRANSCEIVER
Apr-2000
ST207E STMICROELECTRONICS-ST207E Datasheet
62Kb / 9P
± 15KV ESD PROTECTED 5V RS-232 TRANSCEIVER
Jun-2000
logo
Maxim Integrated Produc...
MAX202E MAXIM-MAX202E Datasheet
507Kb / 25P
15kV ESD-Protected, 5V RS-232 Transceivers
Rev 5; 10/03
MAX3322E MAXIM-MAX3322E Datasheet
329Kb / 13P
15kV ESD-Protected, RS-232 Transceivers for Multidrop Applications
Rev 1; 1/03
logo
STMicroelectronics
ST207E STMICROELECTRONICS-ST207E_06 Datasheet
507Kb / 17P
짹 15kV ESD protected 5V RS-232 transceiver
14-Mar-2006
logo
Maxim Integrated Produc...
MAX202E MAXIM-MAX202E_05 Datasheet
1Mb / 25P
15kV ESD-Protected, 5V RS-232 Transceivers
Rev 6; 3/05
MAX232EEWE MAXIM-MAX232EEWE Datasheet
2Mb / 26P
15,-15kV ESD-Protected, 5V RS-232 Transceivers
Rev 6; 3/05
logo
Intersil Corporation
ISL81334IAZ INTERSIL-ISL81334IAZ Datasheet
1,008Kb / 28P
±15kV ESD Protected, 5V, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
November 21, 2007
ISL81387IAZ INTERSIL-ISL81387IAZ Datasheet
1Mb / 27P
±15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
June 9, 2014
logo
Maxim Integrated Produc...
MAX202E MAXIM-MAX202E_15 Datasheet
395Kb / 25P
짹15kV ESD-Protected,5V RS-232 Transceivers
Rev 7; 1/15
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com