Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRM-45 Datasheet (PDF) - DIWELL Electronics Co., Ltd.

IRM-45 Datasheet PDF - DIWELL Electronics Co., Ltd.
Part # IRM-45
Download  IRM-45 Download
File Size   74.49 Kbytes
Page   2 Pages
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.
Description 45W Single Output Encapsulated Type

IRM-45 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRM-45 Datasheet PDF - DIWELL Electronics Co., Ltd.

Part # IRM-45
Download  IRM-45 Click to download

File Size   74.49 Kbytes
Page   2 Pages
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.
Description 45W Single Output Encapsulated Type

IRM-45 Datasheet (HTML) - DIWELL Electronics Co., Ltd.


IRM-45 Product details

Universal AC input / Full range
Compact size
Protections: Short circuit / Over load / Over voltage
Cooling by free air convection
Isolation class
No load power consumption<0.1W
Pass LPS(Except for 5V)
100% full load burn-in test
High reliability
3 years warranty




Similar Part No. - IRM-45

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
IRM-45 MEANWELL-IRM-45 Datasheet
566Kb / 4P
45W Single Output Encapsulated Type
IRM-45-12 MEANWELL-IRM-45-12 Datasheet
566Kb / 4P
45W Single Output Encapsulated Type
IRM-45-12ST MEANWELL-IRM-45-12ST Datasheet
566Kb / 4P
45W Single Output Encapsulated Type
IRM-45-15 MEANWELL-IRM-45-15 Datasheet
566Kb / 4P
45W Single Output Encapsulated Type
IRM-45-15ST MEANWELL-IRM-45-15ST Datasheet
566Kb / 4P
45W Single Output Encapsulated Type
More results


Similar Description - IRM-45

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MPS-45 TOTAL-POWER-MPS-45 Datasheet
345Kb / 2P
45W Single Output Medical Type
logo
Astrodyne Corporation
MPS-45 ASTRODYNE-MPS-45 Datasheet
1Mb / 6P
45W Single Output for Medical Type
logo
Mean Well Enterprises C...
MPS-45 MEANWELL-MPS-45 Datasheet
302Kb / 2P
45W Single Output Medical Type
MPS-45 MEANWELL-MPS-45_11 Datasheet
305Kb / 2P
45W Single Output Medical Type
MPS-45_1112 MEANWELL-MPS-45_1112 Datasheet
321Kb / 2P
45W Single Output Medical Type
IRM-30 MEANWELL-IRM-30 Datasheet
90Kb / 4P
30W Single Output Encapsulated Type
IRM-45 MEANWELL-IRM-45 Datasheet
566Kb / 4P
45W Single Output Encapsulated Type
IRM-60 MEANWELL-IRM-60 Datasheet
3Mb / 4P
60W Single Output Encapsulated Type
RPS-45 MEANWELL-RPS-45 Datasheet
102Kb / 4P
45W Single Output Medical Type
logo
Astrodyne Corporation
MPS45 ASTRODYNE-MPS45 Datasheet
337Kb / 4P
45W Single Output for Medical Type
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com