Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPS-45 Datasheet (PDF) - Astrodyne Corporation

MPS-45 Datasheet PDF - Astrodyne Corporation
Part # MPS-45
Download  MPS-45 Download
File Size   1135.13 Kbytes
Page   6 Pages
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation
Description 45W Single Output for Medical Type

MPS-45 Datasheet (PDF)

Go To PDF Page Download Datasheet
MPS-45 Datasheet PDF - Astrodyne Corporation

Part # MPS-45
Download  MPS-45 Click to download

File Size   1135.13 Kbytes
Page   6 Pages
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation
Description 45W Single Output for Medical Type

MPS-45 Datasheet (HTML) - Astrodyne Corporation


MPS-45 Product details

Features :
• Universal AC input / Full range
• Low leakage current ≤ 0.3mA
• Protections: Short circuit / Overload / Over voltage
• Cooling by free air convection
• 100% full load burn-in test
• Fixed switching frequency at 45KHz
• 3 years warranty
   




Similar Part No. - MPS-45

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MPS-45 TOTAL-POWER-MPS-45 Datasheet
345Kb / 2P
45W Single Output Medical Type
logo
Mean Well Enterprises C...
MPS-45 MEANWELL-MPS-45 Datasheet
302Kb / 2P
45W Single Output Medical Type
logo
MicroPower Direct, LLC
MPS-45 MPD-MPS-45 Datasheet
604Kb / 2P
Low Cost, Open Frame 45W EN60601 (Medical) Approved AC/DC Power Supplies
logo
Mean Well Enterprises C...
MPS-45 MEANWELL-MPS-45 Datasheet
305Kb / 2P
45W Single Output Medical Type
logo
Total Power Internation...
MPS-45-12 TOTAL-POWER-MPS-45-12 Datasheet
345Kb / 2P
45W Single Output Medical Type
More results


Similar Description - MPS-45

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MPS-45 TOTAL-POWER-MPS-45 Datasheet
345Kb / 2P
45W Single Output Medical Type
logo
Mean Well Enterprises C...
MPS-45 MEANWELL-MPS-45 Datasheet
302Kb / 2P
45W Single Output Medical Type
MPT-45 MEANWELL-MPT-45 Datasheet
303Kb / 2P
45W Triple Output Medical Type
MPS-45 MEANWELL-MPS-45_11 Datasheet
305Kb / 2P
45W Single Output Medical Type
MPT-45 MEANWELL-MPT-45_11 Datasheet
307Kb / 2P
45W Triple Output Medical Type
MPT-45_1112 MEANWELL-MPT-45_1112 Datasheet
322Kb / 2P
45W Triple Output Medical Type
MPS-45_1112 MEANWELL-MPS-45_1112 Datasheet
321Kb / 2P
45W Single Output Medical Type
MPD-45_1112 MEANWELL-MPD-45_1112 Datasheet
318Kb / 2P
45W Dual Output Medical Type
RPS-45 MEANWELL-RPS-45 Datasheet
102Kb / 4P
45W Single Output Medical Type
logo
Astrodyne Corporation
MPS45 ASTRODYNE-MPS45 Datasheet
337Kb / 4P
45W Single Output for Medical Type
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com