Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPS-45 Datasheet (PDF) - MicroPower Direct, LLC

MPS-45 Datasheet PDF - MicroPower Direct, LLC
Part # MPS-45
Download  MPS-45 Download
File Size   604.34 Kbytes
Page   2 Pages
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC
Description Low Cost, Open Frame 45W EN60601 (Medical) Approved AC/DC Power Supplies

MPS-45 Datasheet (PDF)

Go To PDF Page Download Datasheet
MPS-45 Datasheet PDF - MicroPower Direct, LLC

Part # MPS-45
Download  MPS-45 Click to download

File Size   604.34 Kbytes
Page   2 Pages
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC
Description Low Cost, Open Frame 45W EN60601 (Medical) Approved AC/DC Power Supplies

MPS-45 Datasheet (HTML) - MicroPower Direct, LLC


MPS-45 Product details

Key Features:
• Universal AC Input - Full Range
• EN60601, UL2601 (Medical) Approved
• 45W Ouput Power
• Low Leakage Current, <0.3 mA
• Fixed Switching Frequency (45 kHz)
• >366 kHrs MTBF
• LOW COST!
   




Similar Part No. - MPS-45

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MPS-45 TOTAL-POWER-MPS-45 Datasheet
345Kb / 2P
45W Single Output Medical Type
logo
Astrodyne Corporation
MPS-45 ASTRODYNE-MPS-45 Datasheet
1Mb / 6P
45W Single Output for Medical Type
logo
Mean Well Enterprises C...
MPS-45 MEANWELL-MPS-45 Datasheet
302Kb / 2P
45W Single Output Medical Type
MPS-45 MEANWELL-MPS-45 Datasheet
305Kb / 2P
45W Single Output Medical Type
logo
Total Power Internation...
MPS-45-12 TOTAL-POWER-MPS-45-12 Datasheet
345Kb / 2P
45W Single Output Medical Type
More results


Similar Description - MPS-45

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MPD-45 MPD-MPD-45 Datasheet
565Kb / 2P
Dual Output, Open Frame 45W EN60601 (Medical) Approved AC/DC Power Supplies
MPD-65 MPD-MPD-65 Datasheet
661Kb / 2P
Dual Output, Open Frame 65W EN60601 (Medical) Approved AC/DC Power Supplies
MPO-45S MPD-MPO-45S Datasheet
317Kb / 2P
Single Output, 45W Compact, Open Frame AC/DC Power Supplies
MPS-30 MPD-MPS-30 Datasheet
890Kb / 2P
Low Cost, Open Frame 30W EN60601 (Medical) Approved AC/DC Power Supplies
MPS-65 MPD-MPS-65 Datasheet
704Kb / 2P
Low Cost, Open Frame 65W EN60601 (Medical) Approved AC/DC Power Supplies
MPT-45 MPD-MPT-45 Datasheet
410Kb / 2P
Triple Output, Open Frame 45W EN60601 (Medical) Approved AC/DC Power Supplies
MPT-65 MPD-MPT-65 Datasheet
524Kb / 2P
Triple Output, Open Frame 65W EN60601 (Medical) Approved AC/DC Power Supplies
MPX-200 MPD-MPX-200 Datasheet
1Mb / 4P
Low Cost, 1-4 Output 200W EN60601 (Medical) Approved AC/DC Power Supplies
logo
Wall Industries,Inc.
PSMBU31 WALL-PSMBU31 Datasheet
224Kb / 3P
AC/DC Open Frame Power Supplies
PSSBU99 WALL-PSSBU99 Datasheet
106Kb / 3P
AC/DC Open Frame Power Supplies
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com