Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRM-60 Datasheet (PDF) - DIWELL Electronics Co., Ltd.

IRM-60 Datasheet PDF - DIWELL Electronics Co., Ltd.
Part # IRM-60
Download  IRM-60 Download
File Size   74.18 Kbytes
Page   2 Pages
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.
Description 60W Single Output Encapsulated Type

IRM-60 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRM-60 Datasheet PDF - DIWELL Electronics Co., Ltd.

Part # IRM-60
Download  IRM-60 Click to download

File Size   74.18 Kbytes
Page   2 Pages
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.
Description 60W Single Output Encapsulated Type

IRM-60 Datasheet (HTML) - DIWELL Electronics Co., Ltd.


IRM-60 Product details

Universal AC input / Full range
Compact size
Protections: Short circuit / Over load / Over voltage
Cooling by free air convection
Isolation class
No load power consumption<0.1W
Pass LPS(Except for 5V)
100% full load burn-in test
High reliability
3 years warranty




Similar Part No. - IRM-60

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
IRM-60 MEANWELL-IRM-60 Datasheet
3Mb / 4P
60W Single Output Encapsulated Type
IRM-60-12 MEANWELL-IRM-60-12 Datasheet
3Mb / 4P
60W Single Output Encapsulated Type
IRM-60-12ST MEANWELL-IRM-60-12ST Datasheet
3Mb / 4P
60W Single Output Encapsulated Type
IRM-60-15 MEANWELL-IRM-60-15 Datasheet
3Mb / 4P
60W Single Output Encapsulated Type
IRM-60-15ST MEANWELL-IRM-60-15ST Datasheet
3Mb / 4P
60W Single Output Encapsulated Type
More results


Similar Description - IRM-60

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
RPS-60 MEANWELL-RPS-60 Datasheet
287Kb / 2P
60W Single Output Medical Type
RPS-60 MEANWELL-RPS-60_11 Datasheet
298Kb / 2P
60W Single Output Medical Type
RPS-60 MEANWELL-RPS-60_12 Datasheet
312Kb / 2P
60W Single Output Medical Type
GSM60 MEANWELL-GSM60 Datasheet
249Kb / 2P
60W AC-DC Single Output Medical Type
IRM-30 MEANWELL-IRM-30 Datasheet
90Kb / 4P
30W Single Output Encapsulated Type
IRM-45 MEANWELL-IRM-45 Datasheet
566Kb / 4P
45W Single Output Encapsulated Type
IRM-60 MEANWELL-IRM-60 Datasheet
3Mb / 4P
60W Single Output Encapsulated Type
logo
SL Power Electronics
GB60 SLPOWER-GB60 Datasheet
2Mb / 7P
60W Single Output
logo
DIWELL Electronics Co.,...
IRM-30 DIWELL-IRM-30 Datasheet
64Kb / 2P
30W Single Output Encapsulated Type
2014-12-26
IRM-45 DIWELL-IRM-45 Datasheet
74Kb / 2P
45W Single Output Encapsulated Type
2015-03-17
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com