Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SR-SERIES Datasheet (PDF) - DIWELL Electronics Co., Ltd.

SR-SERIES Datasheet PDF - DIWELL Electronics Co., Ltd.
Part # SR-SERIES
Download  SR-SERIES Download
File Size   90.27 Kbytes
Page   4 Pages
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.
Description 0.5W TO 1W REGULATED

SR-SERIES Datasheet (PDF)

Go To PDF Page Download Datasheet
SR-SERIES Datasheet PDF - DIWELL Electronics Co., Ltd.

Part # SR-SERIES
Download  SR-SERIES Click to download

File Size   90.27 Kbytes
Page   4 Pages
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.
Description 0.5W TO 1W REGULATED

SR-SERIES Datasheet (HTML) - DIWELL Electronics Co., Ltd.


SR-SERIES Product details

DUAL IN LINE PACKAGE

UP TO 1W REGULATED OUTPUT POWER

100% BURNED IN

EFFICIENCYUP TO 63%

INTERNAL SMD TECHNOLOGY

LOW COST

NO HEATSINK REQUIRED

UL 94V-0 PACKAGE MATERIAL

CUSTOM SOLUTIONS AVAILABLE

RoHS COMPLIANT

3 YEARS WARRANTY




Similar Part No. - SR-SERIES

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
SR-0513 PREMO-SR-0513 Datasheet
432Kb / 3P
Coils and Chokes for general use
logo
IET Labs Inc.
SR-102 IET-SR-102 Datasheet
218Kb / 1P
Transportable Resistance Standards
Nov 2017
SR-103 IET-SR-103 Datasheet
218Kb / 1P
Transportable Resistance Standards
Nov 2017
SR-104 IET-SR-104 Datasheet
218Kb / 1P
Transportable Resistance Standards
Nov 2017
SR-1050-10M IET-SR-1050-10M Datasheet
546Kb / 1P
High Accuracy Transfer Standard
04-01-2013
More results


Similar Description - SR-SERIES

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DCR01 BURR-BROWN-DCR01 Datasheet
151Kb / 9P
Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
logo
Mean Well Enterprises C...
SPR01 MEANWELL-SPR01 Datasheet
159Kb / 1P
1W DC-DC Regulated Single Output Converter
SRS MEANWELL-SRS Datasheet
159Kb / 1P
0.5W DC-DC Regulated Single Output Converter
logo
RSG Electronic Componen...
DS3-XX05-L RSG-DS3-XX05-L Datasheet
59Kb / 1P
Single output regulated DC/DC converters 0.5W
logo
Mean Well Enterprises C...
SPR01 MEANWELL-SPR01_11 Datasheet
162Kb / 1P
1W DC-DC Regulated Single Output Converter
SRS MEANWELL-SRS_10 Datasheet
161Kb / 1P
0.5W DC-DC Regulated Single Output Converter
logo
Microdc power Technolog...
WRE-YS-1W MICRODC-WRE-YS-1W Datasheet
742Kb / 3P
1W,WIDEINPUT,ISOLATED®ULATED DUAL/SINGLEOUTPUTDC-DCCONVERTER
logo
Mean Well Enterprises C...
SPRN01 MEANWELL-SPRN01 Datasheet
101Kb / 4P
1W SIP Package DC-DC Regulated Converter
logo
DIWELL Electronics Co.,...
PR-SERIES DIWELL-PR-SERIES Datasheet
262Kb / 5P
1W REGULATED
2009/06/04
PRD DIWELL-PRD Datasheet
61Kb / 5P
1W REGULATED
2015/11/30
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com