Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRD Datasheet (PDF) - DIWELL Electronics Co., Ltd.

PRD Datasheet PDF - DIWELL Electronics Co., Ltd.
Part # PRD
Download  PRD Download
File Size   61.08 Kbytes
Page   5 Pages
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.
Description 1W REGULATED

PRD Datasheet (PDF)

Go To PDF Page Download Datasheet
PRD Datasheet PDF - DIWELL Electronics Co., Ltd.

Part # PRD
Download  PRD Click to download

File Size   61.08 Kbytes
Page   5 Pages
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.
Description 1W REGULATED

PRD Datasheet (HTML) - DIWELL Electronics Co., Ltd.


PRD Product details

SINGLE IN LINE PACKAGE
 UP TO 1W REGULATED OUTPUT POWER
 100% BURNED IN
 EFFICIENCY UP TO 60%
 INTERNAL SMD TECHNOLOGY
 NO EXTERNAL COMPONENTS REQUIRED
 LOW COST
 1500VDC ISOLATION
 UL 94V-0 PACKAGE MATERIAL
 CUSTOM SOLUTIONS AVAILABLE
 RoHS COMPLIANT
 3 YEARS WARRANTY




Similar Part No. - PRD

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
PRD TEC-PRD Datasheet
458Kb / 4P
Magnetic blowouts available for switching DC loads
logo
Autonics Corporation
PRD AUTONICS-PRD Datasheet
954Kb / 6P
Long distance proximity sensor
logo
Tyco Electronics
PRD MACOM-PRD Datasheet
132Kb / 3P
10 to 50 Amp Heavy Duty AC or DC Power Rela
logo
TE Connectivity Ltd
PRD TEC-PRD Datasheet
411Kb / 4P
PRD Series Power Relay
06-2015, Rev. 0615
logo
Tyco Electronics
PRD-11AF0-240 MACOM-PRD-11AF0-240 Datasheet
824Kb / 4P
PRD Series Power Relay
More results


Similar Description - PRD

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DCR01 BURR-BROWN-DCR01 Datasheet
151Kb / 9P
Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
DCR01 BURR-BROWN-DCR01_07 Datasheet
326Kb / 18P
Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
logo
Mean Well Enterprises C...
SPR01 MEANWELL-SPR01 Datasheet
159Kb / 1P
1W DC-DC Regulated Single Output Converter
SPR01 MEANWELL-SPR01_11 Datasheet
162Kb / 1P
1W DC-DC Regulated Single Output Converter
logo
Microdc power Technolog...
WRE-YS-1W MICRODC-WRE-YS-1W Datasheet
742Kb / 3P
1W,WIDEINPUT,ISOLATED®ULATED DUAL/SINGLEOUTPUTDC-DCCONVERTER
logo
Texas Instruments
DCR010503P TI1-DCR010503P_14 Datasheet
326Kb / 19P
Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
logo
Mean Well Enterprises C...
SPA01 MEANWELL-SPA01 Datasheet
55Kb / 1P
1W DC-DC Regulated Single Output Converter
SPRN01 MEANWELL-SPRN01 Datasheet
101Kb / 4P
1W SIP Package DC-DC Regulated Converter
logo
DIWELL Electronics Co.,...
PR-SERIES DIWELL-PR-SERIES Datasheet
262Kb / 5P
1W REGULATED
2009/06/04
SR-SERIES DIWELL-SR-SERIES Datasheet
90Kb / 4P
0.5W TO 1W REGULATED
2012/07/25
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com