Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRD Datasheet(PDF) 1 Page - DIWELL Electronics Co., Ltd.

Part # PRD
Description  1W REGULATED
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.

PRD Datasheet(HTML) 1 Page - DIWELL Electronics Co., Ltd.

  PRD Datasheet HTML 1Page - DIWELL Electronics Co., Ltd. PRD Datasheet HTML 2Page - DIWELL Electronics Co., Ltd. PRD Datasheet HTML 3Page - DIWELL Electronics Co., Ltd. PRD Datasheet HTML 4Page - DIWELL Electronics Co., Ltd. PRD Datasheet HTML 5Page - DIWELL Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DANUBE
http://www.danube.com.tw
2015/11/30
5-1
FEATURES
SINGLE IN LINE PACKAGE
UP TO 1W REGULATED OUTPUT POWER
100% BURNED IN
EFFICIENCY UP TO 60%
INTERNAL SMD TECHNOLOGY
NO EXTERNAL COMPONENTS REQUIRED
LOW COST
1500VDC ISOLATION
UL 94V-0 PACKAGE MATERIAL
CUSTOM SOLUTIONS AVAILABLE
RoHS COMPLIANT
3 YEARS WARRANTY
OUTPUT SPECIFICATIONS
INPUT SPECIFICATIONS
Voltage Setpoint Accuracy
+/-3% max Input Voltage Range
+/-10% max
Temperature Coefficient
+/-0.05%/°C Input Filter
Capacitor Typ
Ripple & Noise(20MHz BW)
1
100mVp-p max Protection
Fuse Recommended
Line Regulation
2
+/-2% max
Load Regulation
3
+/-2% max
GENERAL SPECIFICATIONS
Minimum Load
10% of Full Load Efficiency
50% min
Short Circuit Protection
Current Limit Protection Isolation Voltage
4
1500VDC min
Short Circuit Restart
Automatic Isolation Resistance
10
9
ohms min
Transient Response
5
100uS max Isolation Capacitance
80pF max
Switching Frequency
100KHz min
MTBF
6
>1,800,000 Hours
ENVIRONMENTAL SPECIFICATIONS
Weight
2.3g Typ
Operating Temperature
-25 °C to +71 °C Case Material
Non-Conductive Plastic
Storage Temperature
-55 °C to +125 °C Case Size
19.6mm*7.5mm*10.2mm
Humidity
95% max Conducted Emissions
EN55022 Class A
Cooling
Free-Air Convection Radiated Emissions
EN55022 Class A
ALL SPECIFICATIONS TYPICAL AT NOMINAL LINE, FULL LOAD , AND 25
°C UNLESS OTHERWISE NOTED.
1
Measured with 1uF ceramic capacitor connect to the output pins.
2 High Line to Low Line.
3 Load Regulation is for output load current change from 10% to 100%.
4 1500VDC for 10 seconds
5 25% Step Load Change.
6 MIL-HDBK-217F @25 °C , Ground Benign.
PRD SERIES
1W REGULATED


Similar Part No. - PRD

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
PRD TEC-PRD Datasheet
458Kb / 4P
Magnetic blowouts available for switching DC loads
logo
Autonics Corporation
PRD AUTONICS-PRD Datasheet
954Kb / 6P
Long distance proximity sensor
logo
Tyco Electronics
PRD MACOM-PRD Datasheet
132Kb / 3P
10 to 50 Amp Heavy Duty AC or DC Power Rela
logo
TE Connectivity Ltd
PRD TEC-PRD Datasheet
411Kb / 4P
PRD Series Power Relay
06-2015, Rev. 0615
logo
Tyco Electronics
PRD-11AF0-240 MACOM-PRD-11AF0-240 Datasheet
824Kb / 4P
PRD Series Power Relay
More results

Similar Description - PRD

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DCR01 BURR-BROWN-DCR01 Datasheet
151Kb / 9P
Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
DCR01 BURR-BROWN-DCR01_07 Datasheet
326Kb / 18P
Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
logo
Mean Well Enterprises C...
SPR01 MEANWELL-SPR01 Datasheet
159Kb / 1P
1W DC-DC Regulated Single Output Converter
SPR01 MEANWELL-SPR01_11 Datasheet
162Kb / 1P
1W DC-DC Regulated Single Output Converter
logo
Microdc power Technolog...
WRE-YS-1W MICRODC-WRE-YS-1W Datasheet
742Kb / 3P
1W,WIDEINPUT,ISOLATED®ULATED DUAL/SINGLEOUTPUTDC-DCCONVERTER
logo
Texas Instruments
DCR010503P TI1-DCR010503P_14 Datasheet
326Kb / 19P
Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
logo
Mean Well Enterprises C...
SPA01 MEANWELL-SPA01 Datasheet
55Kb / 1P
1W DC-DC Regulated Single Output Converter
SPRN01 MEANWELL-SPRN01 Datasheet
101Kb / 4P
1W SIP Package DC-DC Regulated Converter
logo
DIWELL Electronics Co.,...
PR-SERIES DIWELL-PR-SERIES Datasheet
262Kb / 5P
1W REGULATED
2009/06/04
SR-SERIES DIWELL-SR-SERIES Datasheet
90Kb / 4P
0.5W TO 1W REGULATED
2012/07/25
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com