Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRD Datasheet(PDF) 2 Page - DIWELL Electronics Co., Ltd.

Part # PRD
Description  1W REGULATED
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.

PRD Datasheet(HTML) 2 Page - DIWELL Electronics Co., Ltd.

  PRD Datasheet HTML 1Page - DIWELL Electronics Co., Ltd. PRD Datasheet HTML 2Page - DIWELL Electronics Co., Ltd. PRD Datasheet HTML 3Page - DIWELL Electronics Co., Ltd. PRD Datasheet HTML 4Page - DIWELL Electronics Co., Ltd. PRD Datasheet HTML 5Page - DIWELL Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DANUBE
http://www.danube.com.tw
2015/11/30
5-2
 SELECTION GUIDE
1W OUTPUT 1500VDC ISOLATION
INPUT
CURRENT(mA)
MODEL
NUMBER
INPUT
VOLTAGE
(VDC)
OUTPUT
VOLTAGE
(VDC)
OUTPUT
CURRENT
(mA)
FULL
LOAD
NO
LOAD
EFF
(%)
ISOLATION
(VDC)
OUTPUT
POWER
(Watt)
PRD-0505G
4.5-5.5
+/-5
+/-100
350
35
57
1500
1
PRD-0512G
4.5-5.5
+/-12
+/-42
350
50
57
1500
1
PRD-0515G
4.5-5.5
+/-15
+/-34
350
60
57
1500
1
PRD-1205G
10.8-13.2
+/-5
+/-100
141
20
59
1500
1
PRD-1215G
10.8-13.2
+/-15
+/-34
134
30
62
1500
1
PRD-2405G
21.6-26.4
+/-5
+/-100
70
5
60
1500
1
PRD-2412G
21.6-26.4
+/-12
+/-42
70
40
60
1500
1
Note: Other input to output voltages may be available. Please contact factory.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com