Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRD Datasheet(PDF) 3 Page - DIWELL Electronics Co., Ltd.

Part # PRD
Description  1W REGULATED
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.

PRD Datasheet(HTML) 3 Page - DIWELL Electronics Co., Ltd.

  PRD Datasheet HTML 1Page - DIWELL Electronics Co., Ltd. PRD Datasheet HTML 2Page - DIWELL Electronics Co., Ltd. PRD Datasheet HTML 3Page - DIWELL Electronics Co., Ltd. PRD Datasheet HTML 4Page - DIWELL Electronics Co., Ltd. PRD Datasheet HTML 5Page - DIWELL Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
DANUBE
http://www.danube.com.tw
2015/11/30
5-3
 MECHANICAL DIMENSIONS &
RECOMMENDED FOOTPRINT DETAILS
PACKAGE ”G”
PIN
DUAL
1
+Vin
2
-Vin
5
-Vout
6
Common
7
+Vout
5.08[0.20]
All dimensions are in mm[inches]
19.6[0.77]
3.81[0.15]
7.5[0.30]
12
5 6
1.2[0.05]
10.2[0.40]
7
FRONT
VIEW
BOTTOM VIEW
2.54[0.10]
2.18[0.086]
NOTE : All Dimensions In mm(Inches)
1. Pin Size is 0.50x0.30mm[0.02x0.01”]
2. Pin is Tolerance .XX= ±0.05mm
3. Tolerance .X
or
.XX= ±0.5mm
 SIMPLIFIED SCHEMATIC
 TYPICAL APPLICATIONS
-Vin
+Vout
-Vout
REGULATOR
OSCILLATOR
DRIVER
+Vin
REGULATOR
Com.
+Vout
-Vin
-Vout
INPUT
DC-DC
CONVERTER
+Vin
LOAD1
OUTPUT
Common
LOAD2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com