Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N2906 Datasheet (PDF) - NXP Semiconductors

2N2906 Datasheet PDF - NXP Semiconductors
Part # 2N2906
Download  2N2906 Download
File Size   52.79 Kbytes
Page   8 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description PNP switching transistors

2N2906 Datasheet (PDF)

Go To PDF Page Download Datasheet
2N2906 Datasheet PDF - NXP Semiconductors

Part # 2N2906
Download  2N2906 Click to download

File Size   52.79 Kbytes
Page   8 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description PNP switching transistors

2N2906 Datasheet (HTML) - NXP Semiconductors


2N2906 Product details

PNP switching transistor in a TO-18 metal package. NPN complements: 2N2222 and 2N2222A. High-speed switching , Driver applications for industrial service.



FEATURES

• High current (max. 600 mA)

• Low voltage (max. 60 V).



APPLICATIONS

• High-speed switching

• Driver applications for industrial service.




Similar Part No. - 2N2906

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2N2906 STMICROELECTRONICS-2N2906 Datasheet
233Kb / 4P
1.8W PNP GENERAL PURPOSE SAMLL SIGNAL TRANSISTORS
logo
Semicoa Semiconductor
2N2906 SEMICOA-2N2906 Datasheet
29Kb / 1P
Chip Type 2C2904A Geometry 0600 Polarity PNP
logo
Siemens Semiconductor G...
2N2906 SIEMENS-2N2906 Datasheet
41Kb / 2P
PNP SILICON PLANAR TRANSISTORS
logo
Micro Electronics
2N2906 MICRO-ELECTRONICS-2N2906 Datasheet
103Kb / 2P
PNP SILICON GENERAL PURPOSE AMPLIFIERS AND SWITCHES
logo
Raytheon Company
2N2906 RAYTHEON-2N2906 Datasheet
777Kb / 12P
Medium Current General Purpose Amplifiers and Switches
More results


Similar Description - 2N2906

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2N2905 PHILIPS-2N2905 Datasheet
55Kb / 8P
PNP switching transistors
1997 May 28
2N2907 PHILIPS-2N2907 Datasheet
52Kb / 8P
PNP switching transistors
1997 May 30
BCY78 PHILIPS-BCY78 Datasheet
54Kb / 8P
PNP switching transistors
1997 Jun 18
BSR15 PHILIPS-BSR15 Datasheet
45Kb / 8P
PNP switching transistors
1999 Apr 15
PMBT2907 PHILIPS-PMBT2907 Datasheet
45Kb / 8P
PNP switching transistors
1999 Apr 27
logo
Guangdong Kexin Industr...
BSR15 KEXIN-BSR15 Datasheet
44Kb / 2P
PNP Switching Transistors
logo
NXP Semiconductors
BSR15 NXP-BSR15 Datasheet
139Kb / 8P
PNP switching transistors
2004 Jan 13
PMBT2907 NXP-PMBT2907 Datasheet
136Kb / 8P
PNP switching transistors
2004 Jan 16
logo
Micro Commercial Compon...
2N2907 MCC-2N2907 Datasheet
415Kb / 3P
PNP Switching Transistors
2N2907 MCC-2N2907_11 Datasheet
459Kb / 3P
PNP Switching Transistors
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com