Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMBT2907 Datasheet (PDF) - NXP Semiconductors

PMBT2907 Datasheet PDF - NXP Semiconductors
Part # PMBT2907
Download  PMBT2907 Download
File Size   45.59 Kbytes
Page   8 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description PNP switching transistors

PMBT2907 Datasheet (PDF)

Go To PDF Page Download Datasheet
PMBT2907 Datasheet PDF - NXP Semiconductors

Part # PMBT2907
Download  PMBT2907 Click to download

File Size   45.59 Kbytes
Page   8 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description PNP switching transistors

PMBT2907 Datasheet (HTML) - NXP Semiconductors


PMBT2907 Product details

DESCRIPTION
PNP switching transistor in a SOT23 plastic package.
NPN complements: PMBT2222 and PMBT2222A.

FEATURES
• High current (max. 600 mA)
• Low voltage (max. 60 V).

APPLICATIONS
• Switching and linear amplification.




Similar Part No. - PMBT2907

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMBT2907 NXP-PMBT2907 Datasheet
136Kb / 8P
PNP switching transistors
2004 Jan 16
logo
Nexperia B.V. All right...
PMBT2907 NEXPERIA-PMBT2907 Datasheet
736Kb / 14P
40V, 600 mA, PNP switching transistor
6 March 2015
logo
NXP Semiconductors
PMBT2907A NXP-PMBT2907A Datasheet
136Kb / 8P
PNP switching transistors
2004 Jan 16
logo
Nexperia B.V. All right...
PMBT2907A NEXPERIA-PMBT2907A Datasheet
736Kb / 14P
60V, 600 mA, PNP switching transistor
6 March 2015
PMBT2907AM NEXPERIA-PMBT2907AM Datasheet
222Kb / 13P
60 V, 600 mA PNP switching transistor
21 September 2018
More results


Similar Description - PMBT2907

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2N2905 PHILIPS-2N2905 Datasheet
55Kb / 8P
PNP switching transistors
1997 May 28
2N2906 PHILIPS-2N2906 Datasheet
52Kb / 8P
PNP switching transistors
1997 Jun 02
2N2907 PHILIPS-2N2907 Datasheet
52Kb / 8P
PNP switching transistors
1997 May 30
BCY78 PHILIPS-BCY78 Datasheet
54Kb / 8P
PNP switching transistors
1997 Jun 18
BSR15 PHILIPS-BSR15 Datasheet
45Kb / 8P
PNP switching transistors
1999 Apr 15
logo
Guangdong Kexin Industr...
BSR15 KEXIN-BSR15 Datasheet
44Kb / 2P
PNP Switching Transistors
logo
NXP Semiconductors
BSR15 NXP-BSR15 Datasheet
139Kb / 8P
PNP switching transistors
2004 Jan 13
PMBT2907 NXP-PMBT2907 Datasheet
136Kb / 8P
PNP switching transistors
2004 Jan 16
logo
Micro Commercial Compon...
2N2907 MCC-2N2907 Datasheet
415Kb / 3P
PNP Switching Transistors
2N2907 MCC-2N2907_11 Datasheet
459Kb / 3P
PNP Switching Transistors
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com