Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMBT2907AM Datasheet (PDF) - Nexperia B.V. All rights reserved

PMBT2907AM Datasheet PDF - Nexperia B.V. All rights reserved
Part # PMBT2907AM
Download  PMBT2907AM Download
File Size   222.72 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 60 V, 600 mA PNP switching transistor

PMBT2907AM Datasheet (PDF)

Go To PDF Page Download Datasheet
PMBT2907AM Datasheet PDF - Nexperia B.V. All rights reserved

Part # PMBT2907AM
Download  PMBT2907AM Click to download

File Size   222.72 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 60 V, 600 mA PNP switching transistor

PMBT2907AM Datasheet (HTML) - Nexperia B.V. All rights reserved


PMBT2907AM Product details

1. General description
PNP switching transistor in an ultra small DFN1006-3 (SOT883) leadless Surface-Mounted Device
(SMD) plastic package.
NPN complement: PMBT2222AM
2. Features and benefits
• High current (max. 600 mA)
• Low voltage (max. 60 V)
• Leadless ultra small SMD plastic package
• Low package height of 0.50 mm
• Power dissipation comparable to SOT23
• AEC-Q101 qualified
3. Applications
• Switching and linear applications
• Mobile applications




Similar Part No. - PMBT2907AM

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMBT2907AMB NEXPERIA-PMBT2907AMB Datasheet
224Kb / 13P
60 V, 600 mA PNP switching transistor
21 September 2018
More results


Similar Description - PMBT2907AM

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SFT700D-28Q SSDI-SFT700D-28Q Datasheet
228Kb / 2P
DUAL 800 mA 75 V-NPN DUAL 600 mA 60 V-PNP TRANSISTOR
logo
NXP Semiconductors
PZT4403 NXP-PZT4403_10 Datasheet
102Kb / 9P
40 V, 600 mA PNP switching transistor
Rev. 03-2 March 2010
logo
Nexperia B.V. All right...
PMBT2907 NEXPERIA-PMBT2907 Datasheet
736Kb / 14P
40V, 600 mA, PNP switching transistor
6 March 2015
PMBT2907AMB NEXPERIA-PMBT2907AMB Datasheet
224Kb / 13P
60 V, 600 mA PNP switching transistor
21 September 2018
PMBT2907AQA NEXPERIA-PMBT2907AQA Datasheet
244Kb / 14P
60V, 600 mA PNP switching transistor
21 September 2018
PMBT4403 NEXPERIA-PMBT4403 Datasheet
736Kb / 14P
40 V, 600 mA, PNP switching transistor
5 March 2015
PMST2907A NEXPERIA-PMST2907A Datasheet
663Kb / 13P
60 V, 600 mA PNP switching transistor
12 August 2016
PMST4403 NEXPERIA-PMST4403 Datasheet
815Kb / 13P
40 V, 600 mA PNP switching transistor
1 August 2016
PXT2907A NEXPERIA-PXT2907A Datasheet
720Kb / 15P
60 V, 600 mA, PNP switching transistor
3 August 2015
PZT4403 NEXPERIA-PZT4403 Datasheet
638Kb / 9P
40 V, 600 mA PNP switching transistor
Rev. 03 - 2 March 2010
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com