Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFT700D-28Q Datasheet (PDF) - Solid States Devices, Inc

SFT700D-28Q Datasheet PDF - Solid States Devices, Inc
Part # SFT700D-28Q
Download  SFT700D-28Q Download
File Size   228.63 Kbytes
Page   2 Pages
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc
Description DUAL 800 mA 75 V-NPN DUAL 600 mA 60 V-PNP TRANSISTOR

SFT700D-28Q Datasheet (PDF)

Go To PDF Page Download Datasheet
SFT700D-28Q Datasheet PDF - Solid States Devices, Inc

Part # SFT700D-28Q
Download  SFT700D-28Q Click to download

File Size   228.63 Kbytes
Page   2 Pages
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc
Description DUAL 800 mA 75 V-NPN DUAL 600 mA 60 V-PNP TRANSISTOR

SFT700D-28Q Datasheet (HTML) - Solid States Devices, Inc


SFT700D-28Q Product details

Dual 800 mA, 75 V-NPN and Dual 600 mA, 60 V-PNP Transistor




Similar Part No. - SFT700D-28Q

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SFT7 EIC-SFT7 Datasheet
42Kb / 2P
SUPER FAST RECTIFIER DIODES
logo
SynSemi, Inc.
SFT7 SYNSEMI-SFT7 Datasheet
34Kb / 2P
SUPER FAST RECTIFIER DIODES
logo
EIC discrete Semiconduc...
SFT7 EIC-SFT7 Datasheet
39Kb / 2P
SUPER FAST RECTIFIER DIODES
logo
Seoul Semiconductor
SFT722N-S SEOUL-SFT722N-S Datasheet
682Kb / 14P
Top View LED
SFT722N-S SEOUL-SFT722N-S_09 Datasheet
795Kb / 18P
Surface Mount LED In PLCC
More results


Similar Description - SFT700D-28Q

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SFT2222A2 SSDI-SFT2222A2 Datasheet
43Kb / 2P
Dual Microminiature Package 800 mA 75 Volts Dual NPN Transistor
SFT2907A2 SSDI-SFT2907A2 Datasheet
170Kb / 2P
Dual Microminiature Package 600 mA 60 Volts Dual PNP Transistor
SFT22907GW SSDI-SFT22907GW Datasheet
216Kb / 2P
Dual Microminiature Package 600 mA 60 Volts Complimentary NPN & PNP Transistor
SFT3904A2 SSDI-SFT3904A2 Datasheet
184Kb / 3P
Dual Microminiature Package 800 mA 75 Volts Dual NPN Transistor
SFT390604A2 SSDI-SFT390604A2 Datasheet
159Kb / 2P
Dual Microminiature Package 800 mA 75 Volts NPN/PNP Transistor
SFT3906A2 SSDI-SFT3906A2 Datasheet
34Kb / 2P
Dual Microminiature Package 800 mA 75 Volts Dual PNP Transistor
logo
Nexperia B.V. All right...
PMBT2907AM NEXPERIA-PMBT2907AM Datasheet
222Kb / 13P
60 V, 600 mA PNP switching transistor
21 September 2018
PMBT2907AMB NEXPERIA-PMBT2907AMB Datasheet
224Kb / 13P
60 V, 600 mA PNP switching transistor
21 September 2018
PMST2907A NEXPERIA-PMST2907A Datasheet
663Kb / 13P
60 V, 600 mA PNP switching transistor
12 August 2016
PXT2907A NEXPERIA-PXT2907A Datasheet
720Kb / 15P
60 V, 600 mA, PNP switching transistor
3 August 2015
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com