Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R16DS0063EU0100 Datasheet (PDF) - Renesas Technology Corp

R16DS0063EU0100 Datasheet PDF - Renesas Technology Corp
Part # R16DS0063EU0100
Download  R16DS0063EU0100 Download
File Size   155.0 Kbytes
Page   2 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Digital Dual Output, 16-Phase PWM Controller with Adaptive Voltage Scaling Bus (AVSBus)

R16DS0063EU0100 Datasheet (PDF)

Go To PDF Page Download Datasheet
R16DS0063EU0100 Datasheet PDF - Renesas Technology Corp

Part # R16DS0063EU0100
Download  R16DS0063EU0100 Click to download

File Size   155.0 Kbytes
Page   2 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Digital Dual Output, 16-Phase PWM Controller with Adaptive Voltage Scaling Bus (AVSBus)

R16DS0063EU0100 Datasheet (HTML) - Renesas Technology Corp


R16DS0063EU0100 Product details

Features
• Advanced linear digital modulation scheme
○ Auto phase add/drop with PFM mode for
excellent load vs efficiency profile
○ Dual edge modulation with optional diode braking
for faster transient response
○ Excellent VOUT transition performance
○ Zero latency synthetic current control for excellent
high-frequency current balance
• Flexible phase assignment from 0 to 16 phases per
output
• Up to 2MHz switching frequency operation for high
density designs
• Differential remote voltage sensing supports ±0.5%
closed-loop system accuracy over load, line, and
temperature
• Highly accurate current sensing for excellent load
line regulation and accurate OCP
• Supports the full range of Renesas Smart Power
Stage (SPS) devices
• Comprehensive fault management enables high
reliability systems
○ Pulse-by-pulse (per phase) and total output
current limiting
○ Black Box status recording capability with first
fault indicator
• Intuitive configuration using PowerNavigator
• SMBus/PMBus V1.3 and AVSBus compatible
• Up to 16 user configurations stored in device
Non-Volatile Memory (NVM)
Applications
• Artificial Intelligence/accelerator cards (FPGA,
ASIC)
• Network equipment
• Server/storage equipment
• Telecom/datacom equipment




Similar Part No. - R16DS0063EU0100

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R16DS0006EU0101 RENESAS-R16DS0006EU0101 Datasheet
1Mb / 107P
Digital Triple Output, 12-Phase PWM Controller
Jul 21, 2022
R16DS0074EU0101 RENESAS-R16DS0074EU0101 Datasheet
931Kb / 24P
700V AC/DC Buck Regulator with Ultra-Low Standby Power
May 12, 2021
More results


Similar Description - R16DS0063EU0100

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40425 TI-TPS40425_15 Datasheet
2Mb / 95P
TPS40425 Dual Output, 2-Phase, Stackable PMBus??Synchronous Buck Driverless Controller with Adaptive Voltage Scaling (AVS) Bus
TPS40428 TI-TPS40428_15 Datasheet
2Mb / 92P
TPS40428 Dual Output, 2-Phase, Stackable PMBus??Synchronous Buck Driverless Controller with Adaptive Voltage Scaling (AVS) Bus
logo
Intersil Corporation
ISL68137 INTERSIL-ISL68137_16 Datasheet
965Kb / 53P
Digital Dual Output, 7-Phase Configurable PWM Controller with Adaptive Voltage Scaling (AVSBus) Bus
September 27, 2016
logo
Renesas Technology Corp
ISL68127 RENESAS-ISL68127 Datasheet
1Mb / 47P
Digital Dual Output, 7-Phase Configurable, PWM Controller with PMBus
ISL68134 RENESAS-ISL68134 Datasheet
1Mb / 50P
Digital Dual Output, 4-Phase Configurable, PWM Controller with Adaptive Voltage Scaling Bus
ISL68137 RENESAS-ISL68137 Datasheet
1Mb / 54P
Digital Dual Output, 7-Phase Configurable PWM Controller with Adaptive Voltage Scaling Bus (AVSBus)
ISL68220 RENESAS-ISL68220 Datasheet
1Mb / 98P
Digital Dual Output, 2-Phase PWM Controller
Oct.1.20
ISL68225 RENESAS-ISL68225 Datasheet
2Mb / 107P
Digital Dual Output, 9-Phase PWM Controller
Oct.1.20
RAA228218 RENESAS-RAA228218 Datasheet
191Kb / 2P
Digital Single Output, 20-Phase PWM Controller with Adaptive Voltage Scaling Bus (AVSBus)
Jan.13.22
RAA228228 RENESAS-RAA228228 Datasheet
219Kb / 5P
Digital Double Output 20-Phase PWM Controller with Adaptive Voltage Scaling Bus (AVSBus)
May 17, 2021
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com