Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CALE-48 Datasheet (PDF) - DIWELL Electronics Co., Ltd.

CALE-48 Datasheet PDF - DIWELL Electronics Co., Ltd.
Part # CALE-48
Download  CALE-48 Download
File Size   444.26 Kbytes
Page   7 Pages
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.
Description Constant Current LED Driver

CALE-48 Datasheet (PDF)

Go To PDF Page Download Datasheet
CALE-48 Datasheet PDF - DIWELL Electronics Co., Ltd.

Part # CALE-48
Download  CALE-48 Click to download

File Size   444.26 Kbytes
Page   7 Pages
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.
Description Constant Current LED Driver

CALE-48 Datasheet (HTML) - DIWELL Electronics Co., Ltd.


CALE-48 Product details

FEATURES
 EFFICIENCY UP TO 96%
 CONSTANT CURRENT LED DRIVER
 WIDE INPUT AND OUTPUT VOLTAGE RANGE
 INPUT VOLTAGE UP TO 52V
 PWM DIMMING CONTROL
 SHORT CIRCUIT AND OVERTEMPERATURE PROTECTED
 INTERNAL SMD TECHNOLOGY
 FULLY ISOLATED PLAST2C CASE WITH IP67 LEVEL
 UL 94V-0 PACKAGE MATERIAL
 RoHS COMPLIANT
 3 YEARS WARRANTY




Similar Part No. - CALE-48

ManufacturerPart #DatasheetDescription
logo
Protek Devices
CAL PROTEC-CAL Datasheet
493Kb / 7P
400 Watt TVS component
logo
Omega Engineering, Inc.
CAL-3 OMEGA-CAL-3 Datasheet
477Kb / 2P
All stainless steel transducer multimedia compatibility High-Performance Silicon technology
logo
List of Unclassifed Man...
CAL-3-IR ETC-CAL-3-IR Datasheet
407Kb / 2P
Miniature Industrial, Non-Contact
CAL-A522.5792TS ETC2-CAL-A522.5792TS Datasheet
52Kb / 1P
LVDS Oscillator
CAL-A5BP22.5792TS ETC2-CAL-A5BP22.5792TS Datasheet
52Kb / 1P
LVDS Oscillator
More results


Similar Description - CALE-48

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61042 TI-TPS61042 Datasheet
552Kb / 20P
CONSTANT CURRENT LED DRIVER
TPS61043 TI-TPS61043 Datasheet
516Kb / 21P
CONSTANT CURRENT LED DRIVER
logo
Sipex Corporation
SP7618 SIPEX-SP7618 Datasheet
408Kb / 10P
Constant Current LED Driver
SP7619 SIPEX-SP7619 Datasheet
420Kb / 8P
Constant Current LED Driver
logo
Protek Devices
PA5110 PROTEC-PA5110 Datasheet
178Kb / 7P
Constant Current LED Driver.
logo
ON Semiconductor
CAT4004A ONSEMI-CAT4004A_11 Datasheet
165Kb / 11P
Constant Current LED Driver
June, 2011 ??Rev. 2
logo
Diodes Incorporated
AL5890 DIODES-AL5890 Datasheet
824Kb / 17P
Constant Current LED Driver
Rev 2
logo
First Silicon Co., Ltd
FC2082G FS-FC2082G Datasheet
1Mb / 12P
LED CONSTANT CURRENT DRIVER
logo
DIWELL Electronics Co.,...
SLE-24 DIWELL-SLE-24 Datasheet
418Kb / 9P
Constant Current LED Driver
2012/07/19
CLE-12 DIWELL-CLE-12 Datasheet
1Mb / 8P
Constant Current LED Driver
2016/09/12
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com