Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAL Datasheet (PDF) - Protek Devices

CAL Datasheet PDF - Protek Devices
Part # CAL
Download  CAL Download
File Size   493.0 Kbytes
Page   7 Pages
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices
Description 400 Watt TVS component

CAL Datasheet (PDF)

Go To PDF Page Download Datasheet
CAL Datasheet PDF - Protek Devices

Part # CAL
Download  CAL Click to download

File Size   493.0 Kbytes
Page   7 Pages
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices
Description 400 Watt TVS component

CAL Datasheet (HTML) - Protek Devices


CAL Product details

Description
The PAM39SDxxAL/CAL Series is a transient voltage suppressor array, designed to protect applications such as consumer
electronic products, automotive, telecommunications, aerospace and intelligent control systems. This series is
available in both unidirectional and bidirectional configurations. This series is rated for 400 Watts peak pulse power
10/1000μs) and is offered in a space saving SOD-123FL package. The PAM39SDxxAL/CAL series meets IEC 61000-4-2
ESD) and IEC 61000-4-4 (EFT) requirements.

Features
• AEC-Q101 Qualified
• UL Registered
• Compatible with IEC 61000-4-2 (ESD): Air ±15kV, Contact ±8kV
• Compatible with IEC 61000-4-4 (EFT): 40A, 5/50ns
• Compatible with IEC 61000-4-5 (Surge): 8/20μs Waveform
• 400 Watts Peak Pulse Power per Line (tp = 10/1000μs)
• Low Inductance
• Excellent Clamping Capability
• Unidirectional and Bidirectional Configurations
• Low Leakage Current: < 1μA (Typical)
• Fast Response Time
• Available in Multiple Voltages
• RoHS Compliant
• REACH Compliant

applications
• Automotive




Similar Part No. - CAL

ManufacturerPart #DatasheetDescription
logo
Omega Engineering, Inc.
CAL-3 OMEGA-CAL-3 Datasheet
477Kb / 2P
All stainless steel transducer multimedia compatibility High-Performance Silicon technology
logo
List of Unclassifed Man...
CAL-3-IR ETC-CAL-3-IR Datasheet
407Kb / 2P
Miniature Industrial, Non-Contact
CAL-A522.5792TS ETC2-CAL-A522.5792TS Datasheet
52Kb / 1P
LVDS Oscillator
CAL-A5BP22.5792TS ETC2-CAL-A5BP22.5792TS Datasheet
52Kb / 1P
LVDS Oscillator
logo
fujitsu semiconductor
CAL0 FUJITSU-CAL0 Datasheet
2Mb / 108P
16-bit Proprietary Microcontroller
More results


Similar Description - CAL

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PAM07DF23K24 PROTEC-PAM07DF23K24 Datasheet
507Kb / 6P
3000 WATT TVS COMPONENT
PAM21SC790501H PROTEC-PAM21SC790501H Datasheet
445Kb / 6P
250 WATT TVS COMPONENT
SM5KW10A PROTEC-SM5KW10A Datasheet
509Kb / 6P
5000 WATT TVS COMPONENT
PLW0501H PROTEC-PLW0501H_12 Datasheet
445Kb / 6P
250 WATT TVS COMPONENT
PLW1201H PROTEC-PLW1201H_12 Datasheet
446Kb / 6P
200 WATT TVS COMPONENT
SM5KW10A PROTEC-SM5KW10A_15 Datasheet
481Kb / 6P
5000 WATT TVS COMPONENT
P4SMA PROTEC-P4SMA Datasheet
444Kb / 7P
400 WATT TVS COMPONENT
PAM37SDXXAL PROTEC-PAM37SDXXAL Datasheet
390Kb / 7P
400 WATT TVS COMPONENT
PSMFXXAL PROTEC-PSMFXXAL Datasheet
389Kb / 7P
400 WATT TVS COMPONENT
PAM4SMA PROTEC-PAM4SMA Datasheet
500Kb / 7P
400 Watt TVS Component
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com