Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAL Datasheet(PDF) 2 Page - Protek Devices

Part # CAL
Description  400 Watt TVS component
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

CAL Datasheet(HTML) 2 Page - Protek Devices

  CAL Datasheet HTML 1Page - Protek Devices CAL Datasheet HTML 2Page - Protek Devices CAL Datasheet HTML 3Page - Protek Devices CAL Datasheet HTML 4Page - Protek Devices CAL Datasheet HTML 5Page - Protek Devices CAL Datasheet HTML 6Page - Protek Devices CAL Datasheet HTML 7Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Only One Name Means ProTek’Tion™
05657.R0 6/23
Page 2
PAM39SDxxAL/CAL Series
ISO 9001 CERTIFIED COMPANY
typical device characteristics
MAXIMuM RATINGS @ 25°C Unless Otherwise Specified
PARAMETER
SYMBOl
VAluE
uNITS
Operating Temperature
T
J
-55 to 150
°C
Storage Temperature
T
STG
-55 to 150
°C
Peak Pulse Power (tp =10/1000µs) - See Figure 1
P
PP
400
Watts
Maximum Instantaneous Forward Voltage at 20A
V
F
5.0
V
Typical Thermal Resistance Junction to Lead
RJL
100
°C/W
Typical Thermal Resistance Junction to Ambient
RJA
220
°C/W
RTCA DO-160G COMPLIANT PRODUCT
ElECTRICAl ChARACTERISTICS PER lINE @ 25°C Unless Otherwise Specified
PART
NuMBER
(See Notes 1-2)
DEVICE
MARkING
REVERSE
STAND-OFF
VOlTAGE
V
RWM
VOlTS
bReAkDOwN
VOlTAGE
V
(bR) @ IT
VOlTS
TEST
CuRRENT
@ I
T
mA
MAXIMuM
ClAMPING
VOlTAGE
(Fig. 2)
@ I
P
V
C
VOlTS
MAXIMuM
REVERSE
SuRGE
CuRRENT
@I
PP
AMPS
MAXIMuM
REVERSE
LeAkAGe
CuRRENT
@V
RWM
I
R
µA
uNI
BI
MIN
MAX
PAM39SD10AL
AXH 10CLH
10.0
11.10
12.30
1
17.0
23.5
2
PAM39SD11AL
AZH 11CLH
11.0
12.20
13.50
1
18.2
22.0
1
PAM39SD12AL
BEH 12CLH
12.0
13.30
14.70
1
19.9
20.1
1
PAM39SD13AL
BGH 13CLH
13.0
14.40
15.90
1
21.5
18.6
1
PAM39SD14AL
BKH 14CLH
14.0
15.60
17.20
1
23.2
17.2
1
PAM39SD15AL
BMH 15CLH
15.0
16.70
18.50
1
24.4
16.4
1
PAM39SD16AL
BPH 16CLH
16.0
17.80
19.70
1
26.0
15.4
1
PAM39SD17AL
BRH 17CLH
17.0
18.90
20.90
1
27.6
14.5
1
PAM39SD18AL
BTH 18CLH
18.0
20.00
22.10
1
29.2
13.7
1
PAM39SD20AL
BVH 20CLH
20.0
22.20
24.50
1
32.4
12.3
1
PAM39SD22AL
BXH 22CLH
22.0
24.40
26.90
1
35.5
11.3
1
PAM39SD24AL
BZH 24CLH
24.0
26.70
29.50
1
38.9
10.3
1
PAM39SD26AL
CEH 26CLH
26.0
28.90
31.90
1
42.1
9.5
1
PAM39SD28AL
CGH 28CLH
28.0
31.10
34.40
1
45.4
8.8
1
PAM39SD30AL
CKH 30CLH
30.0
33.30
36.80
1
48.4
8.3
1
PAM39SD33AL
CMH 33CLH
33.0
36.70
40.60
1
53.3
7.5
1
PAM39SD36AL
CPH 36CLH
36.0
40.00
44.20
1
58.1
6.9
1
PAM39SD40AL
CRH 40CLH
40.0
44.40
49.10
1
64.5
6.2
1
PAM39SD43AL
CTH 43CLH
43.0
47.80
52.80
1
69.4
5.8
1
PAM39SD45AL
CVH 45CLH
45.0
50.00
55.30
1
72.7
5.5
1
PAM39SD48AL
CXH 48CLH
48.0
53.30
58.90
1
77.4
5.2
1
PAM39SD51AL
CZH
-
51.0
56.70
62.70
1
82.4
4.9
1
PAM39SD58AL
DEH
-
58.0
64.40
71.20
1
93.6
4.3
1
PAM39SD60AL
DGH
-
60.0
66.70
73.70
1
96.8
4.1
1



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com