Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAL Datasheet(PDF) 3 Page - Protek Devices

Part # CAL
Description  400 Watt TVS component
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

CAL Datasheet(HTML) 3 Page - Protek Devices

  CAL Datasheet HTML 1Page - Protek Devices CAL Datasheet HTML 2Page - Protek Devices CAL Datasheet HTML 3Page - Protek Devices CAL Datasheet HTML 4Page - Protek Devices CAL Datasheet HTML 5Page - Protek Devices CAL Datasheet HTML 6Page - Protek Devices CAL Datasheet HTML 7Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Only One Name Means ProTek’Tion™
05657.R0 6/23
Page 3
PAM39SDxxAL/CAL Series
ISO 9001 CERTIFIED COMPANY
typical device characteristics
ElECTRICAl ChARACTERISTICS PER lINE @ 25°C Unless Otherwise Specified
PART
NuMBER
(See Notes 1-2)
DEVICE
MARkING
REVERSE
STAND-OFF
VOlTAGE
V
RWM
VOlTS
bReAkDOwN
VOlTAGE
V
(bR) @ IT
VOlTS
TEST
CuRRENT
@ I
T
mA
MAXIMuM
ClAMPING
VOlTAGE
(Fig. 2)
@ I
P
V
C
VOlTS
MAXIMuM
REVERSE
SuRGE
CuRRENT
@I
PP
AMPS
MAXIMuM
REVERSE
LeAkAGe
CuRRENT
@V
RWM
I
R
µA
uNI
BI
MIN
MAX
PAM39SD64AL
DMH
-
64.0
71.10
78.60
1
103.0
3.9
1
PAM39SD70AL
DPH
-
70.0
77.80
86.00
1
113.0
3.5
1
PAM39SD75AL
DRH
-
75.0
83.30
92.10
1
121.0
3.3
1
PAM39SD78AL
DTH
-
78.0
86.70
95.80
1
126.0
3.2
1
PAM39SD85AL
DVH
-
85.0
94.40
104.00
1
137.0
2.9
1
NOTE
1. Add a ‘CAL’ specify a bidrectional device; i.e., “
PAM39SD17CAl”.
2. If marking code is not specified, device is not available in that configuration.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com