Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAL Datasheet(PDF) 1 Page - Protek Devices

Part # CAL
Description  400 Watt TVS component
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

CAL Datasheet(HTML) 1 Page - Protek Devices

  CAL Datasheet HTML 1Page - Protek Devices CAL Datasheet HTML 2Page - Protek Devices CAL Datasheet HTML 3Page - Protek Devices CAL Datasheet HTML 4Page - Protek Devices CAL Datasheet HTML 5Page - Protek Devices CAL Datasheet HTML 6Page - Protek Devices CAL Datasheet HTML 7Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Only One Name Means ProTek’Tion™
05657.R0 6/23
Page 1
PAM39SDxxAL/CAL Series
400 WAtt tVS CoMPonent
ISO 9001 CERTIFIED COMPANY
APPlICATIONS
• Automotive
FEATuRES
• AEC-Q101 Qualified
• UL Registered
• Compatible with IEC 61000-4-2 (ESD): Air ±15kV, Contact ±8kV
• Compatible with IEC 61000-4-4 (EFT): 40A, 5/50ns
• Compatible with IEC 61000-4-5 (Surge): 8/20µs Waveform
• 400 Watts Peak Pulse Power per Line (tp = 10/1000µs)
• Low Inductance
• Excellent Clamping Capability
• Unidirectional and Bidirectional Configurations
• Low Leakage Current: < 1µA (Typical)
• Fast Response Time
• Available in Multiple Voltages
• RoHS Compliant
• REACH Compliant
MEChANICAl ChARACTERISTICS
• Molded SOD-123FL Package
• Approximate Weight: 0.0136 grams
• Lead-Free Pure-Tin Plating (Annealed)
• Solder Reflow Temperature:
Pure-Tin - Sn, 100: 260-270°C
• 12mm Tape and Reel Per EIA Standard 481
• Flammability Rating UL 94V-0
PIN CONFIGuRATIONS
RTCA DO-160G COMPLIANT PRODUCT
SOD-123FL PACkAGe
DESCRIPTION
The PAM39SDxxAL/CAL Series is a transient voltage suppressor array, designed to protect applications such as con-
sumer electronic products, automotive, telecommunications, aerospace and intelligent control systems. This series is
available in both unidirectional and bidirectional configurations. This series is rated for 400 Watts peak pulse power
(10/1000µs) and is offered in a space saving SOD-123FL package. The PAM39SDxxAL/CAL series meets IEC 61000-4-2
(ESD) and IEC 61000-4-4 (EFT) requirements.
1
2
1
2


Similar Part No. - CAL

ManufacturerPart #DatasheetDescription
logo
Omega Engineering, Inc.
CAL-3 OMEGA-CAL-3 Datasheet
477Kb / 2P
All stainless steel transducer multimedia compatibility High-Performance Silicon technology
logo
List of Unclassifed Man...
CAL-3-IR ETC-CAL-3-IR Datasheet
407Kb / 2P
Miniature Industrial, Non-Contact
CAL-A522.5792TS ETC2-CAL-A522.5792TS Datasheet
52Kb / 1P
LVDS Oscillator
CAL-A5BP22.5792TS ETC2-CAL-A5BP22.5792TS Datasheet
52Kb / 1P
LVDS Oscillator
logo
fujitsu semiconductor
CAL0 FUJITSU-CAL0 Datasheet
2Mb / 108P
16-bit Proprietary Microcontroller
More results

Similar Description - CAL

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PAM07DF23K24 PROTEC-PAM07DF23K24 Datasheet
507Kb / 6P
3000 WATT TVS COMPONENT
PAM21SC790501H PROTEC-PAM21SC790501H Datasheet
445Kb / 6P
250 WATT TVS COMPONENT
SM5KW10A PROTEC-SM5KW10A Datasheet
509Kb / 6P
5000 WATT TVS COMPONENT
PLW0501H PROTEC-PLW0501H_12 Datasheet
445Kb / 6P
250 WATT TVS COMPONENT
PLW1201H PROTEC-PLW1201H_12 Datasheet
446Kb / 6P
200 WATT TVS COMPONENT
SM5KW10A PROTEC-SM5KW10A_15 Datasheet
481Kb / 6P
5000 WATT TVS COMPONENT
P4SMA PROTEC-P4SMA Datasheet
444Kb / 7P
400 WATT TVS COMPONENT
PAM37SDXXAL PROTEC-PAM37SDXXAL Datasheet
390Kb / 7P
400 WATT TVS COMPONENT
PSMFXXAL PROTEC-PSMFXXAL Datasheet
389Kb / 7P
400 WATT TVS COMPONENT
PAM4SMA PROTEC-PAM4SMA Datasheet
500Kb / 7P
400 Watt TVS Component
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com