Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM4SMA Datasheet (PDF) - Protek Devices

PAM4SMA Datasheet PDF - Protek Devices
Part # PAM4SMA
Download  PAM4SMA Download
File Size   500.61 Kbytes
Page   7 Pages
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices
Description 400 Watt TVS Component

PAM4SMA Datasheet (PDF)

Go To PDF Page Download Datasheet
PAM4SMA Datasheet PDF - Protek Devices

Part # PAM4SMA
Download  PAM4SMA Click to download

File Size   500.61 Kbytes
Page   7 Pages
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices
Description 400 Watt TVS Component

PAM4SMA Datasheet (HTML) - Protek Devices


PAM4SMA Product details

Description
The PAM4SMA series is designed to protect sensitive electronic equipment from voltage transients induced by lightning
and other transient voltage events in automotive applications.

Feat ures
• AEC-Q101 Qualified
• UL Registered
• IEC 61000-4-2 (ESD): Level 4: Air ±30kV, Contact ±30kV
• IEC 61000-4-4 (EFT): 40A 5/50ns
• IEC 61000-4-5 (Surge)
• 400 Watts Peak Pulse Power per Line (tp = 10/1000μs)
• Excellent Clamping Capability
• Low Incremental Surge Resistance
• Low Leakage Current: < 1μA Typical (Min. VBR > 12V)
• Low Profile Package and Optimized Space Saving Footprint
• Whisker Test Per JEDEC JESD201 - Table 4A and 4C
• Bidirectional and Unidirectional Configurations
• Very Fast Response Time
• Available in Multiple Voltages
• RoHS Compliant
• REACH Compliant

applications
• Automotive




Similar Part No. - PAM4SMA

ManufacturerPart #DatasheetDescription
logo
TEKTRONIX, INC.
PAM4 TEKTRONIX-PAM4 Datasheet
454Kb / 16P
Digital Serial Analyzer Sampling Oscilloscope
More results


Similar Description - PAM4SMA

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PAM07DF23K24 PROTEC-PAM07DF23K24 Datasheet
507Kb / 6P
3000 WATT TVS COMPONENT
PAM21SC790501H PROTEC-PAM21SC790501H Datasheet
445Kb / 6P
250 WATT TVS COMPONENT
SM5KW10A PROTEC-SM5KW10A Datasheet
509Kb / 6P
5000 WATT TVS COMPONENT
PLW0501H PROTEC-PLW0501H_12 Datasheet
445Kb / 6P
250 WATT TVS COMPONENT
PLW1201H PROTEC-PLW1201H_12 Datasheet
446Kb / 6P
200 WATT TVS COMPONENT
SM5KW10A PROTEC-SM5KW10A_15 Datasheet
481Kb / 6P
5000 WATT TVS COMPONENT
P4SMA PROTEC-P4SMA Datasheet
444Kb / 7P
400 WATT TVS COMPONENT
PAM37SDXXAL PROTEC-PAM37SDXXAL Datasheet
390Kb / 7P
400 WATT TVS COMPONENT
PSMFXXAL PROTEC-PSMFXXAL Datasheet
389Kb / 7P
400 WATT TVS COMPONENT
CAL PROTEC-CAL Datasheet
493Kb / 7P
400 Watt TVS component
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com