Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FAW Datasheet (PDF) - DIWELL Electronics Co., Ltd.

FAW Datasheet PDF - DIWELL Electronics Co., Ltd.
Part # FAW
Download  FAW Download
File Size   776.91 Kbytes
Page   9 Pages
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.
Description 10W WIDE INPUT RANGE

FAW Datasheet (PDF)

Go To PDF Page Download Datasheet
FAW Datasheet PDF - DIWELL Electronics Co., Ltd.

Part # FAW
Download  FAW Click to download

File Size   776.91 Kbytes
Page   9 Pages
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.
Description 10W WIDE INPUT RANGE

FAW Datasheet (HTML) - DIWELL Electronics Co., Ltd.


FAW Product details

FEATURES
 10W DIL PACKAGE
 INDUSTRY STANDARD PACKAGE
 9-18V,18-36V,36-72V,9-27V,18-54V,
9-36V,18V-72V WIDE INPUT RANGE
 SHORT CIRCUIT PROTECTION
 REGULATED OUTPUT
 100% BURN IN
 HIGH EFFICIENCY
 UL 94V-0 PACKAGE MATERIAL
 CUSTOM SOLUTIONS AVAILABLE
 RoHS COMPLIANT
 3 YEARS WARRANTY




Similar Part No. - FAW

ManufacturerPart #DatasheetDescription
logo
LEMO Connectors
FAW.LM.368.XLC LEMO-FAW.LM.368.XLC Datasheet
64Kb / 3P
M - Rugged Ratchet coupling
logo
Power Systems GmbH+Co.K...
FAWD-1205 POWER-SYSTEMS-FAWD-1205 Datasheet
221Kb / 6P
DC-DC Converter UNIT 10W WIDE INPUT RANGE DC-DC CONVERTER
FAWD-1205T POWER-SYSTEMS-FAWD-1205T Datasheet
221Kb / 6P
DC-DC Converter UNIT 10W WIDE INPUT RANGE DC-DC CONVERTER
FAWD-1212 POWER-SYSTEMS-FAWD-1212 Datasheet
221Kb / 6P
DC-DC Converter UNIT 10W WIDE INPUT RANGE DC-DC CONVERTER
FAWD-1212T POWER-SYSTEMS-FAWD-1212T Datasheet
221Kb / 6P
DC-DC Converter UNIT 10W WIDE INPUT RANGE DC-DC CONVERTER
More results


Similar Description - FAW

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MIW5000 MINMAX-MIW5000 Datasheet
243Kb / 8P
10W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
MKW1000 MINMAX-MKW1000 Datasheet
250Kb / 8P
10W, Wide Input Range, Single & Dual Output DC/DC Converters
logo
Artesyn Technologies
BXA10 ARTESYN-BXA10 Datasheet
70Kb / 3P
8-10W Wide Input DC/DC Converters
logo
Emerson Network Power
ALO20F36 EMERSON-NETWORKPOWER-ALO20F36 Datasheet
117Kb / 2P
Wide Range Input
logo
MicroPower Direct, LLC
B1000RW MPD-B1000RW Datasheet
74Kb / 2P
Compact 1 x 2 Inch 10W Wide Input Range DC/DC Converters
logo
Power Systems GmbH+Co.K...
FAWS-1203.3 POWER-SYSTEMS-FAWS-1203.3 Datasheet
221Kb / 6P
DC-DC Converter UNIT 10W WIDE INPUT RANGE DC-DC CONVERTER
logo
XP Power Limited
QSB30024S05 XPPOWER-QSB30024S05 Datasheet
148Kb / 4P
Wide Input Range
QSB300 XPPOWER-QSB300 Datasheet
148Kb / 4P
Wide Input Range
logo
GAPTEC Electronic GmbH ...
10DRW4 GAPTEC-10DRW4 Datasheet
2Mb / 5P
10W - Single Output - Wide Input - Isolated & Regulated
10S8W GAPTEC-10S8W Datasheet
2Mb / 4P
10W - Single Output - Wide Input - Isolated & Regulated
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com