Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FAW Datasheet(PDF) 2 Page - DIWELL Electronics Co., Ltd.

Part # FAW
Description  10W WIDE INPUT RANGE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.

FAW Datasheet(HTML) 2 Page - DIWELL Electronics Co., Ltd.

  FAW Datasheet HTML 1Page - DIWELL Electronics Co., Ltd. FAW Datasheet HTML 2Page - DIWELL Electronics Co., Ltd. FAW Datasheet HTML 3Page - DIWELL Electronics Co., Ltd. FAW Datasheet HTML 4Page - DIWELL Electronics Co., Ltd. FAW Datasheet HTML 5Page - DIWELL Electronics Co., Ltd. FAW Datasheet HTML 6Page - DIWELL Electronics Co., Ltd. FAW Datasheet HTML 7Page - DIWELL Electronics Co., Ltd. FAW Datasheet HTML 8Page - DIWELL Electronics Co., Ltd. FAW Datasheet HTML 9Page - DIWELL Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
DANUBE
http://www.danube.com.tw
2013/10/29
2
 SELECTION GUIDE(1)
2:1 7W-10W OUTPUT
INPUT
7
CURRENT(mA)
MODEL NUMBER
INPUT
VOLTAGE
(VDC)
OUTPUT
VOLTAGE
(VDC)
OUTPUT
CURRENT
(mA)
FULL
LOAD
NO
LOAD
EFF
(%)
8
CAPACITOR
LOAD MAX.
FAWS-1203.3(A)(-3K)
9-18
3.3
2400
891
30
74
2700uF
FAWS-1205(A)(-3K)
9-18
5
2000
1068
30
78
2700uF
FAWS-1209(A)(-3K)
9-18
9
1111
1046
30
80
2200uF
FAWS-1212(A)(-3K)
9-18
12
830
1040
28
80
1800uF
FAWS-1215(A)(-3K)
9-18
15
670
1020
28
81
1500uF
FAWS-1224(A)(-3K)
9-18
24
416
1020
28
82
1000uF
FAWD-1205(A)(-3K)
9-18
+/-5
+/-1000
1068
30
78
+/-1200uF
FAWD-1209(A)(-3K)
9-18
+/-9
+/-556
1046
30
80
+/-1000uF
FAWD-1212(A)(-3K)
9-18
+/-12
+/-416
1029
40
81
+/-820uF
FAWD-1215(A)(-3K)
9-18
+/-15
+/-333
1020
45
82
+/-680uF
FAWD-1224(A)(-3K)
9-18
+/-24
+/-208
1052
45
79
+/-560uF
FAWS-2403.3(A)(-3K)
18-36
3.3
2400
434
16
76
2700uF
FAWS-2405(A)(-3K)
18-36
5
2000
527
25
79
2700uF
FAWS-2409(A)(-3K)
18-36
9
1111
523
20
80
2200uF
FAWS-2412(A)(-3K)
18-36
12
830
508
22
82
1800uF
FAWS-2415(A)(-3K)
18-36
15
670
502
30
83
1500uF
FAWS-2424(A)(-3K)
18-36
24
416
515
28
81
1000uF
FAWS-2442(A)(-3K)
18-36
42
238
527
15
79
560uF
FAWD-2405(A)(-3K)
18-36
+/-5
+/-1000
527
23
79
+/-1200uF
FAWD-2409(A)(-3K)
18-36
+/-9
+/-556
523
18
80
+/-1000uF
FAWD-2412(A)(-3K)
18-36
+/-12
+/-416
508
30
82
+/-820uF
FAWD-2415(A)(-3K)
18-36
+/-15
+/-333
510
25
82
+/-680uF
FAWD-2424(A)(-3K)
18-36
+/-24
+/-208
520
20
80
+/-560uF
Note: Other input to output voltages may be available. Please contact factory.
ORDERING INFORMATION:
FOR EXAMPLE:
FAW*-****A(PACKAGE “A”
For REMOTE CONTROL)
FAW*-*****-3K(Isolation Voltage For 3000VDC)
7 NOMINAL INPUT VOLTAGE.
8 NOMINAL INPUT VOLTAGE,FULL LOAD.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com