Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP55 Datasheet (PDF) - Bel Fuse Inc.

IP55 Datasheet PDF - Bel Fuse Inc.
Part # IP55
Download  IP55 Download
File Size   3236.9 Kbytes
Page   7 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description IP68 Waterproof Connectors and Adapters

IP55 Datasheet (PDF)

Go To PDF Page Download Datasheet
IP55 Datasheet PDF - Bel Fuse Inc.

Part # IP55
Download  IP55 Click to download

File Size   3236.9 Kbytes
Page   7 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description IP68 Waterproof Connectors and Adapters

IP55 Datasheet (HTML) - Bel Fuse Inc.


IP55 Product details

Features
• The SMA family operates up to 18 GHz.
• The TNC family are larger and more rugged, and operate to 11 GHz.
• Adapters include hermetically sealed connectors to 1 x 10-8 cc/sec, making them ideal
for high pressure, vacuum applications and the prevention of liquid or gas leakage.
• Ingress Protection ratings are used to specify the environmental protection of enclosures
and casings around electronic products.
• IP86 devices backed by an international standard rating of IP68 are deemed fit enough to
withstand dust, dirt and sand, and are resistant to submersion up to a maximum depth of
1.5m underwater for up to thirty minutes.

Applications
• Satellite communication equipment and base stations
• Remote monitoring communication
• Cable broadcast equipment
• GPS antennas




Similar Part No. - IP55

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IP55 ETC2-IP55 Datasheet
138Kb / 1P
Switched Disconnects
logo
STEGO Elektrotechnik Gm...
IP55 STEGO-IP55 Datasheet
1Mb / 1P
PRESSURE COMPENSATION DEVICE
05.04.2023
logo
List of Unclassifed Man...
IP550 ETC2-IP550 Datasheet
317Kb / 3P
Cutting-edge SIP feature set meets Polycom HD Voice
logo
Injoinic Technology Co....
IP5506 INJOINIC-IP5506 Datasheet
1Mb / 16P
2A charging/2.4A discharging mobile power supply SOC with integrated digital tube driver
V1.0 2018
IP5506 INJOINIC-IP5506 Datasheet
2Mb / 35P
support High and low voltage SCP, two-way PD3.0 and other mobile power SOCs with all fast charging protocols
Version1.1 2020
More results


Similar Description - IP55

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
86024-3000 MOLEX-86024-3000 Datasheet
126Kb / 4P
LC Connectors and Adapters
86002-3000 MOLEX-86002-3000 Datasheet
63Kb / 2P
MT-RJ Connectors and Adapters
logo
OptoSupply Internationa...
OSWBXX OPTOSUPPLY-OSWBXX Datasheet
313Kb / 3P
LED Waterproof Light, IP68
logo
Amphenol Corporation
JI-103C1R2 AMPHENOL-JI-103C1R2 Datasheet
55Kb / 2P
Waterproof to IP68
logo
PowerDynamics, Inc
3352D01110 POWERDYNAMICS-3352D01110 Datasheet
264Kb / 1P
Waterproof RJ45 Jack With Cable and Plug (IP68)
3352E02010 POWERDYNAMICS-3352E02010 Datasheet
266Kb / 1P
Waterproof RJ45 Jack With Cable and Wafer (IP68)
3352F01010 POWERDYNAMICS-3352F01010 Datasheet
299Kb / 1P
Waterproof RJ45 Coupler (IP68)
3352G02630 POWERDYNAMICS-3352G02630 Datasheet
342Kb / 1P
Waterproof Cat.5e Coupler (IP68)
3351A-01 POWERDYNAMICS-3351A-01 Datasheet
185Kb / 1P
Waterproof Cap (IP68)
3351L-01 POWERDYNAMICS-3351L-01 Datasheet
185Kb / 1P
Waterproof Cable Side (IP68)
More results




About Bel Fuse Inc.


Bel Fuse Inc is a multinational electronics company that specializes in the design and manufacture of a wide range of products, including circuit protection solutions, magnetic components, power solutions, and connectivity solutions.

The company was founded in 1949 and has its headquarters in Jersey City, New Jersey.

Bel Fuse operates globally, serving customers in industries such as telecommunications, data storage, aerospace, and industrial electronics, among others.

The company is known for its high-quality products and innovative technology, and it has a strong reputation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com