Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP55 Datasheet(PDF) 5 Page - Bel Fuse Inc.

Part # IP55
Description  IP68 Waterproof Connectors and Adapters
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

IP55 Datasheet(HTML) 5 Page - Bel Fuse Inc.

  IP55 Datasheet HTML 1Page - Bel Fuse Inc. IP55 Datasheet HTML 2Page - Bel Fuse Inc. IP55 Datasheet HTML 3Page - Bel Fuse Inc. IP55 Datasheet HTML 4Page - Bel Fuse Inc. IP55 Datasheet HTML 5Page - Bel Fuse Inc. IP55 Datasheet HTML 6Page - Bel Fuse Inc. IP55 Datasheet HTML 7Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
belfuse.com/cinch
© 2022 Cinch Connectivity Solutions
AquaConn
SMA Jack to MCX Bulkhead Adapter with Hex Nut
Part Number
Material
Impedance
Maximum Frequency
Dielectric Withstanding Voltage
134-1001-401
Brass, Nickel Plated
50 Ohms
DC - 6 GHz
1,000 VRMS
1. MATERIAL AND FINISH:
1.1 BODY: BRASS, NICKEL PLATE
1.2 CONTACT: BERYLLIUM COPPER, GOLD PLATE
1.3 INSULATOR: PTFE
1.4 O-RINGS: SILICONE RUBBER
2. ELECTRICAL SPECIFICATIONS:
2.1 IMPEDANCE: 50 OHMS NOMINAL
2.2 FREQUENCY RANGE: DC-6 GHZ
2.4 INSULATION RESISTANCE: 1,000 MEGOHMS
2.3 DIELECTRIC WITHSTANDING VOLTAGE: 1,000 VRMS
3. MECHANICAL SPECIFICATIONS:
3.1 CONNECTOR DURABILITY: SMA 250 CYCLES MIN.
3.3 CONNECTOR MEETS: CECC 22 220, MIL-PRF-39012, MIL-STD-348
3.2 PANEL THICKNESS: .312 [8.0] MAX.
08/12/2021
TOMMY REN
08/12/2021
INITIAL RELEASE
134-1001-401/410
134-1001-401/410
134-1001-401
2.5 TEMPERATURE RATING: -65°C TO +165°C
ADAPTER WITH HEX NUT, IP68
SMA JACK TO MCX JACK BULKHEAD
HEX NUT
SMA
LOCKWASHER
PANEL GASKET
JACK
INTERFACE
INTERFACE
MCX JACK
1/4-36 UNS-2A
.312 [7.9]
.433 [11.0] HEX
20.24
.797
10.08
.397
.400
10.16
MCX 500 CYCLES MIN.
TO 10M FOR 4 HOURS IN AN
UNMATED CONDITION PER IP68
WATERPROOF
CONNECTOR
Adapters
SMA Jack to MMCX Jack Bulkhead Adapter
Part Number
Material
Impedance
Maximum Frequency
Dielectric Withstanding Voltage
134-1001-421
Brass, Nickel Plated
50 Ohms
DC - 6 GHz
1,000 VRMS
1. MATERIAL AND FINISH:
1.2 CONTACT: BERYLLIUM COPPER, GOLD PLATE
1.3 INSULATOR: PTFE
1.4 O-RINGS: SILICONE RUBBER
2. ELECTRICAL SPECIFICATIONS:
2.1 IMPEDANCE: 50 OHMS NOMINAL
2.2 FREQUENCY RANGE: DC-6 GHZ
2.3 INSULATION RESISTANCE: 1,000 MEGOHMS
3. MECHANICAL SPECIFICATIONS:
3.1 CONNECTOR DURABILITY: SMA 500 CYCLES MIN.
3.3 CONNECTOR MEETS: CECC22 000, MIL-PRF-39012, MIL-STD-348
3.2 PANEL THICKNESS: .039[1.0] MIN. TO .156 [4.0] MAX.
08/12/2021
TOMMY REN
08/12/2021
INITIAL RELEASE
134-1001-421/430
134-1001-421/430
134-1001-421
2.4 TEMPERATURE RATING: -65°C TO +165°C
BULKHEAD ADAPTER, IP68
SMA JACK TO MMCX JACK
MMCX 500 CYCLES MIN.
7.4
.292
ACROSS
1 FLAT
LOCKWASHER
10M FOR 4 HOURS IN AN
HEX NUT
5/16-32 UNEF-2A
1/4-36 UNS-2A
UNMATED CONDITION
SMA JACK
PANEL GASKET
INTERFACE
CONNECTOR
WATERPROOF TO
.375 [9.5]
MMCX JACK
INTERFACE
.270
6.9
9.0
.354
6.4
.251
1.6
.064
11.0
.433
1.1 BODY: STAINLESS STEEL, PASSIVATED
PER IP68
SMA Jack to MCX Bulkhead Adapter without Hex Nut
Part Number
Material
Impedance
Maximum Frequency
Dielectric Withstanding Voltage
134-1001-411
Brass, Nickel Plated
50 Ohms
DC - 6 GHz
1,000 VRMS
1. MATERIAL AND FINISH:
1.1 BODY: BRASS, NICKEL PLATE
1.2 CONTACT: BERYLLIUM COPPER, GOLD PLATE
1.3 INSULATOR: PTFE
1.4 O-RINGS: SILICONE RUBBER
2. ELECTRICAL SPECIFICATIONS:
2.1 IMPEDANCE: 50 OHMS NOMINAL
2.2 FREQUENCY RANGE: DC-6 GHZ
2.4 INSULATION RESISTANCE: 1,000 MEGOHMS
2.3 DIELECTRIC WITHSTANDING VOLTAGE: 1,000 VRMS
3. MECHANICAL SPECIFICATIONS:
3.1 CONNECTOR DURABILITY: SMA 250 CYCLES MIN.
3.3 CONNECTOR MEETS: CECC 22 220, MIL-PRF-39012, MIL-STD-348
3.2 PANEL THICKNESS: .394 [10.0] MAX.
08/12/2021
TOMMY REN
08/12/2021
INITIAL RELEASE
134-1001-411/420
134-1001-411/420
134-1001-411
2.5 TEMPERATURE RATING: -65°C TO +165°C
ADAPTER NO HEX NUT, IP68
SMA JACK TO MCX JACK BULKHEAD
MCX 500 CYCLES MIN.
PANEL GASKET
1/4-36 UNS-2A
UNMATED CONDITION
10M FOR 4 HOURS IN AN
INTERFACE
JACK
INTERFACE
MCX JACK
CONNECTOR
WATERPROOF TO
SMA
.433 [11.0] HEX
10.16
.400
.797
20.24
.397
10.08
PER IP68



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com