Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VGS-600 Datasheet (PDF) - CUI INC

VGS-600 Datasheet PDF - CUI INC
Part # VGS-600
Download  VGS-600 Download
File Size   1430.45 Kbytes
Page   7 Pages
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC
Description INTERNAL AC-DC POWER SUPPLY

VGS-600 Datasheet (PDF)

Go To PDF Page Download Datasheet
VGS-600 Datasheet PDF - CUI INC

Part # VGS-600
Download  VGS-600 Click to download

File Size   1430.45 Kbytes
Page   7 Pages
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC
Description INTERNAL AC-DC POWER SUPPLY

VGS-600 Datasheet (HTML) - CUI INC


VGS-600 Product details

FEATURES
• UL/EN 62368 certified
• active PFC
• temperature range -40°C to +70°C
• isolation up to 4000 Vac
• operating altitude up to 5000 m
• remote on/off
• short-circuit, over-current, over-voltage & over-temperature protection
• AC or DC input
• internal fan cooling
• PCB conformal coating
• 5 V, 1 A standby supply
• remote output voltage sensing




Similar Part No. - VGS-600

ManufacturerPart #DatasheetDescription
logo
CUI INC
VGS-100 CUI-VGS-100 Datasheet
157Kb / 5P
AC-DC POWER SUPPLY
VGS-100 CUI-VGS-100 Datasheet
361Kb / 5P
AC-DC POWER SUPPLY
08/22/2012
VGS-100-12 CUI-VGS-100-12 Datasheet
157Kb / 5P
AC-DC POWER SUPPLY
VGS-100-12 CUI-VGS-100-12 Datasheet
361Kb / 5P
AC-DC POWER SUPPLY
08/22/2012
VGS-100-12 CUI-VGS-100-12 Datasheet
1Mb / 5P
AC-DC POWER SUPPLY
06/04/2021
More results


Similar Description - VGS-600

ManufacturerPart #DatasheetDescription
logo
CUI INC
PSK-15W CUI-PSK-15W Datasheet
1Mb / 7P
INTERNAL AC-DC POWER SUPPLY
PSK-45 CUI-PSK-45 Datasheet
1Mb / 7P
INTERNAL AC-DC POWER SUPPLY
PBO-5C CUI-PBO-5C Datasheet
1Mb / 8P
INTERNAL AC-DC POWER SUPPLY
PBO-10C CUI-PBO-10C Datasheet
1Mb / 8P
INTERNAL AC-DC POWER SUPPLY
PSK-3D CUI-PSK-3D Datasheet
1Mb / 8P
INTERNAL AC-DC POWER SUPPLY
PSK-20D CUI-PSK-20D Datasheet
1Mb / 8P
INTERNAL AC-DC POWER SUPPLY
PBO-15C CUI-PBO-15C_V01 Datasheet
1Mb / 8P
INTERNAL AC-DC POWER SUPPLY
01/24/2022
PBO-10C CUI-PBO-10C_V01 Datasheet
1Mb / 8P
INTERNAL AC-DC POWER SUPPLY
01/21/2022
VGS-150C CUI-VGS-150C Datasheet
1Mb / 5P
INTERNAL AC-DC POWER SUPPLY
02/02/2022
VGS-75C CUI-VGS-75C Datasheet
757Kb / 6P
INTERNAL AC-DC POWER SUPPLY
09/28/2020
More results




About CUI INC


CUI Inc. is a technology company that specializes in the development and manufacture of electronic components and systems. The company is based in Tualatin, Oregon, and has been in operation for over 30 years.

CUI offers a wide range of products, including power supplies, connectors, audio products, sensors, and embedded computers. The company's products are used in various applications, including industrial automation, medical equipment, telecommunications, and consumer electronics.

CUI is known for its focus on innovation and customer satisfaction. The company has a strong commitment to developing new technologies and providing high-quality products and services to its customers. CUI also offers custom design services to customers with specific needs.

In addition to its headquarters in Oregon, CUI has offices and facilities in Asia, Europe, and North America, allowing the company to serve customers around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com