Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VGS-600 Datasheet(PDF) 2 Page - CUI INC

Part # VGS-600
Description  INTERNAL AC-DC POWER SUPPLY
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VGS-600 Datasheet(HTML) 2 Page - CUI INC

  VGS-600 Datasheet HTML 1Page - CUI INC VGS-600 Datasheet HTML 2Page - CUI INC VGS-600 Datasheet HTML 3Page - CUI INC VGS-600 Datasheet HTML 4Page - CUI INC VGS-600 Datasheet HTML 5Page - CUI INC VGS-600 Datasheet HTML 6Page - CUI INC VGS-600 Datasheet HTML 7Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
cui.com
date 09/09/2022
│ page 2 of 7
CUI Inc
│ SERIES: VGS-600 │ DESCRIPTION: AC-DC POWER SUPPLY
INPUT
parameter
conditions/description
min
typ
max
units
voltage
ac input
dc input
80
110
277
390
Vac
Vdc
frequency
47
63
Hz
current
at 115 Vac
at 230 Vac
7.5
3.5
A
A
inrush current
at 230 Vac, cold start
40
A
leakage current
at 240 Vac
0.1
mA
no load power consumption
at 230 Vac, 25°C, on/off add +5V signal
0.5
W
power factor
at 115 Vac, full load
at 230 Vac, full load
0.98
0.95
OUTPUT
parameter
conditions/description
min
typ
max
units
capacitive load
12 Vdc & 15 Vdc output
24 Vdc & 27 Vdc output
36 Vdc output
48 Vdc output
6,000
4,000
2,400
1,600
μF
μF
μF
μF
total regulation
+5 VSB output, standby, full load
all other outputs, full load
±2
±1
%
%
line regulation
+5 VSB output, standby, rated load
all other outputs, rated load
±0.5
±0.3
%
%
load regulation
+5 VSB output, standby, 0%~100% load
all other outputs, 0%~100% load
±2
±0.5
%
%
hold-up time
at 230 Vac
15
ms
PROTECTIONS
parameter
conditions/description
min
typ
max
units
over voltage protection
12 Vdc output, latching
15 Vdc output, latching
24 Vdc output, latching
27 Vdc output, latching
36 Vdc output, latching
48 Vdc output, latching
16
20
32
35
47
60
Vdc
Vdc
Vdc
Vdc
Vdc
Vdc
over current protection
auto-recovery
110
160
%
short circuit protection
hiccup, continuous, auto-recovery in < 3 s after short removed
over temperature protection
output turns off and self recovers after temperature drops
SAFETY & COMPLIANCE
parameter
conditions/description
min
typ
max
units
isolation voltage
input to ground for 1 minute, 5 mA max
input to output for 1 minute, 5 mA max
output to ground for 1 minute, 5 mA max
1,500
4,000
1,500
Vac
Vac
Vac
insulation resistance
input to ground, 500 Vdc
input to output, 500 Vdc
output to ground, 500 Vdc
50
50
50
MΩ
MΩ
MΩ
safety approvals
certified to
i i62368: IEC/EN/UL
designed to meet 61558: EN
designed to meet 60335: EN
safety class
Class I
conducted emissions
CISPR32/EN55032 CLASS B
radiated emissions
CISPR32/EN55032 CLASS B
harmonic flicker
IEC/EN61000-3-2 CLASS A and CLASS D
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com