Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX101J Datasheet (PDF) - Power Integrations, Inc.

IMX101J Datasheet PDF - Power Integrations, Inc.
Part # IMX101J
Download  IMX101J Download
File Size   1208.53 Kbytes
Page   22 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description 2 Constant Voltage and 4 Channel Dimming LED Backlight CC Controller

IMX101J Datasheet (PDF)

Go To PDF Page Download Datasheet
IMX101J Datasheet PDF - Power Integrations, Inc.

Part # IMX101J
Download  IMX101J Click to download

File Size   1208.53 Kbytes
Page   22 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description 2 Constant Voltage and 4 Channel Dimming LED Backlight CC Controller

IMX101J Datasheet (HTML) - Power Integrations, Inc.


IMX101J Product details

Product Highlights
CV and 4-Channel LED Backlight Controller
• Eliminates buck and LED backlight boost converters
• One or two constant voltage outputs
• Independently regulated outputs with instantaneous transient
response ±5% CV on 0%-100%-0% load step
• Typical output voltages
• One CV mode: 5 V to 22 V
• Two CV mode: 5 V and 12 V to 22 V
• 1-4 string LED backlight
• 3% matching accuracy for LED strings
• Analog, PWM, sequenced PWM and filtered PWM operation
• Up to 100 V string voltage / up to 960 mA total string current
• Up to 2:1 LED string voltage range
Advanced Protection / Safety Features
• Individual overload protection for all outputs
• String imbalanced / short / open protection
• Output overvoltage set for auto-restart
Convenient Packages
• 28-Lead HSOP for single-sided wave soldered PCBs or small 28-Lead
QFN (5x5 mm Body) for compact multilayer designs
Applications
• ENERGY STAR 8, CEC, and 2021/2023 EU labeling for monitors and TVs




Similar Part No. - IMX101J

ManufacturerPart #DatasheetDescription
logo
Rohm
IMX1 ROHM-IMX1 Datasheet
91Kb / 4P
General purpose transistors (dual transistors)
IMX1 ROHM-IMX1 Datasheet
93Kb / 4P
General purpose transistors (dual transistors)
IMX1 ROHM-IMX1 Datasheet
93Kb / 4P
General purpose transistors(dual transistors)
logo
Intel Corporation
IMX111PQ INTEL-IMX111PQ Datasheet
706Kb / 2P
High Picture Quality Cellular Phone CMOS Image Sensors Feature Full HD Video
logo
Turck, Inc.
IMX12-AO01-1I-1I-H0/24VDC TURCK-IMX12-AO01-1I-1I-H0/24VDC Datasheet
181Kb / 4P
Analog Signal Isolator 1-channel
2023-07-21
More results


Similar Description - IMX101J

ManufacturerPart #DatasheetDescription
logo
Seaward Electronics Inc...
SE1052 SEAWARD-SE1052 Datasheet
288Kb / 8P
Constant Voltage and Constant Current Controller
logo
BCD Semiconductor Manuf...
AP4313 BCDSEMI-AP4313_10 Datasheet
685Kb / 12P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
logo
Diodes Incorporated
AP4312Q DIODES-AP4312Q Datasheet
562Kb / 11P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
Rev 4
logo
Taiwan Semiconductor Co...
TS19340CS14 TSC-TS19340CS14 Datasheet
450Kb / 9P
Secondary-Side Constant Current and Constant Voltage Controller with PWM / Linear Dimming
logo
Diodes Incorporated
AP4305 DIODES-AP4305 Datasheet
451Kb / 10P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
Rev 2
AP4313 DIODES-AP4313 Datasheet
359Kb / 9P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
Rev 2
logo
Texas Instruments
TLC69601 TI-TLC69601 Datasheet
1Mb / 11P
TLC696x1 16-Channel, Local Dimming Backlight LED Driver
APRIL 2023
TLC69602 TI-TLC69602 Datasheet
1Mb / 11P
TLC696x2/4/8 16-Channel, 2/4/8 Time-Multiplexing, Local Dimming Backlight LED Driver
APRIL 2023
TLC69601 TI-TLC69601_V01 Datasheet
1Mb / 11P
TLC696x1 16-Channel, Local Dimming Backlight LED Driver
APRIL 2023
TLC69602 TI-TLC69602_V01 Datasheet
1Mb / 11P
TLC696x2/4/8 16-Channel, 2/4/8 Time-Multiplexing, Local Dimming Backlight LED Driver
APRIL 2023
More results




About Power Integrations, Inc.


Power Integrations is an American company that specializes in the design and manufacture of high-voltage integrated circuits for power conversion.

The company was founded in 1988 and is headquartered in San Jose, California. Power Integrations provides a wide range of power conversion solutions including integrated circuits (ICs), capacitors, and diodes.

Its products are used in a variety of applications such as consumer electronics, lighting, renewable energy, and industrial equipment.

Power Integrations is known for its expertise in power conversion technology and its ability to deliver highly efficient and reliable products.

The company has a strong focus on innovation and has been awarded numerous patents for its products and technology.

Power Integrations' products are designed to meet the growing demand for energy-efficient solutions that help reduce carbon emissions and protect the environment.

The company's technology is widely used in various applications, and it has a strong presence in the global market.

Power Integrations works closely with its customers to provide customized solutions and support their needs.

The company is committed to providing sustainable products and services that contribute to a better and more sustainable world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com