Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INN2003 Datasheet (PDF) - Power Integrations, Inc.

INN2003 Datasheet PDF - Power Integrations, Inc.
Part # INN2003
Download  INN2003 Download
File Size   2429.19 Kbytes
Page   26 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description Off-Line CV/CC Flyback Switcher IC with Integrated 650 V MOSFET, Synchronous Rectification and Feedback

INN2003 Datasheet (PDF)

Go To PDF Page Download Datasheet
INN2003 Datasheet PDF - Power Integrations, Inc.

Part # INN2003
Download  INN2003 Click to download

File Size   2429.19 Kbytes
Page   26 Pages
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
Description Off-Line CV/CC Flyback Switcher IC with Integrated 650 V MOSFET, Synchronous Rectification and Feedback

INN2003 Datasheet (HTML) - Power Integrations, Inc.


INN2003 Product details

Highly Integrated, Compact Footprint
• Incorporates flyback controller, 650 V MOSFET, secondary-side
sensing and synchronous rectification driver
• Integrated FluxLink™, HIPOT-isolated, feedback link
• Exceptional CV/CC accuracy, independent of transformer design or
external components
• Instantaneous transient response ±5% CV with 0%-100%-0%
load step
EcoSmart™ – Energy Efficient
• <10 mW no-load at 230 VAC when supplied by transformer bias
winding
• Easily meets all global energy efficiency regulations
• Low heat dissipation
Advanced Protection / Safety Features
• Primary sensed output OVP
• Secondary sensed output overshoot clamp
• Secondary sensed output OCP to zero output voltage
• Hysteretic thermal shutdown
Full Safety and Regulatory Compliance
• 100% production HIPOT compliance testing equivalent to
6 kV DC/1 sec
• Reinforced insulation
• Isolation voltage >3,500 VAC
• UL1577 and TUV (EN60950 and EN62368) safety approved
• EN61000-4-8 (100 A/m) and EN61000-4-9 (1000 A/m) compliant
Green Package
• Halogen free and RoHS compliant
Applications
• Chargers and adapters for smart mobile devices
• High efficiency, low voltage, high current power supplies
Description
The InnoSwitch™-CH family of ICs dramatically simplifies the development
and manufacturing of low-voltage, high current power supplies,
particularly those in compact enclosures or with high efficiency requirements.
The InnoSwitch-CH architecture is revolutionary in that the
devices incorporate both primary and secondary controllers, with sense
elements and a safety-rated feedback mechanism into a single IC.
Close component proximity and innovative use of the integrated
communication link permit accurate control of a secondary-side
synchronous rectification MOSFET and optimization of primary-side
switching to maintain high efficiency across the entire load range.
Additionally, the minimal DC bias requirements of the link enables the
system to achieve less than 10 mW no-load in challenging applications
such as smart-mobile device chargers.




Similar Part No. - INN2003

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
INN20X3K POWERINT-INN20X3K Datasheet
2Mb / 26P
Off-Line CV/CC Flyback Switcher IC with Integrated 650 V MOSFET
June 2020
INN20X4K POWERINT-INN20X4K Datasheet
2Mb / 26P
Off-Line CV/CC Flyback Switcher IC with Integrated 650 V MOSFET
June 2020
INN20X5K POWERINT-INN20X5K Datasheet
2Mb / 26P
Off-Line CV/CC Flyback Switcher IC with Integrated 650 V MOSFET
June 2020
More results


Similar Description - INN2003

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
INN21X3K-TL POWERINT-INN21X3K-TL Datasheet
3Mb / 28P
Off-Line CV/CC Flyback Switcher IC with Integrated 650 V MOSFET, Sync-Rect and Feedback with High Output Current (>2 A) Capability
June 2020
INN2214K-TL POWERINT-INN2214K-TL Datasheet
2Mb / 28P
Off-Line CV/CC Flyback Switcher IC with Integrated 650 V MOSFET, Sync-Rect, Feedback and Constant Power Profile for USB-PD and QC 3.0
June 2020
INN2603K-TL POWERINT-INN2603K-TL Datasheet
3Mb / 34P
Off-Line CV/CC Flyback Switcher IC with Integrated 725 V / 900 V MOSFET, Sync-Rect Feedback with Advanced Protection
September 2017
INN3072M POWERINT-INN3072M Datasheet
1Mb / 23P
High Efficiency Off-line CV/CC QR Flyback Switcher IC with Integrated 725 V Primary MOSFET, Synchronous Rectification and Integrated Secondary-Side Control
November 2022
INN3162C POWERINT-INN3162C Datasheet
2Mb / 33P
Off-Line CV/CC QR Flyback Switcher IC with Integrated Primary Switch, Synchronous Rectification and FluxLink Feedback. For Applications up to 65 W
November 2022
INN3264C POWERINT-INN3264C Datasheet
2Mb / 40P
Off-Line CV/CC QR Flyback Switcher IC with Integrated Primary Switch, Synchronous Rectification, FluxLink Feedback and Constant Power Profile
November 2022
INN3365C POWERINT-INN3365C Datasheet
3Mb / 58P
Digitally Controllable Off-Line CV/CC QR Flyback Switcher IC with Integrated High-Voltage Switch, Synchronous Rectification and FluxLink Feedback
November 2022
INN3672C POWERINT-INN3672C Datasheet
3Mb / 41P
Off-Line CV/CC QR Flyback Switcher IC with Integrated Primary Switch, Synchronous Rectification and FluxLink Feedback
November 2022
INN4072C POWERINT-INN4072C Datasheet
2Mb / 36P
Off-Line CV/CC ZVS Flyback Integrated Switcher IC with 750 V PowiGaN, Active Clamp Drive and Synchronous Rectification
August 2022
SC1933C POWERINT-SC1933C Datasheet
1Mb / 28P
Off-Line CV/CC QR Flyback Switcher IC with Integrated Primary Switch, Synchronous Rectification and FluxLink Feedback
November 2018
More results




About Power Integrations, Inc.


Power Integrations is an American company that specializes in the design and manufacture of high-voltage integrated circuits for power conversion.

The company was founded in 1988 and is headquartered in San Jose, California. Power Integrations provides a wide range of power conversion solutions including integrated circuits (ICs), capacitors, and diodes.

Its products are used in a variety of applications such as consumer electronics, lighting, renewable energy, and industrial equipment.

Power Integrations is known for its expertise in power conversion technology and its ability to deliver highly efficient and reliable products.

The company has a strong focus on innovation and has been awarded numerous patents for its products and technology.

Power Integrations' products are designed to meet the growing demand for energy-efficient solutions that help reduce carbon emissions and protect the environment.

The company's technology is widely used in various applications, and it has a strong presence in the global market.

Power Integrations works closely with its customers to provide customized solutions and support their needs.

The company is committed to providing sustainable products and services that contribute to a better and more sustainable world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com